Electronic Components Datasheet Search
  English  ▼

X  

PC2127045 Datasheet(PDF) 1 Page - Glamox

Part # PC2127045
Description  PACO G2-106 WH 3600 HF940 60°/GL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

PC2127045 Datasheet(HTML) 1 Page - Glamox

  PC2127045 Datasheet HTML 1Page - Glamox PC2127045 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
PACO G2-106 WH 3600 HF
940 60°/GL
Item No.
PC2127045
GTIN
5903531270452
Stock status code
A
Technical specifications
Mounting
Product Mounting
Track
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
43
Optic
Optic Name
WB - Wide beam
Optic main category
Reflector
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
3600
Number Of Light Source
1
Lumen Per Watt (lm/W)
84
Lamp colour temp (K)
4000
Colour Rendering Index
>90
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L90B50 Ta25 (h)
>100 000
Housing
Body Material
Aluminium
Main Body Material Production Method
Die-casted
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
192
Diameter (mm)
106
Item Net Weight (kg)
1.1408
Logistic Data
Item Gross Weight (kg)
1.24


Similar Part No. - PC2127045

ManufacturerPart #DatasheetDescription
logo
Glamox
PC2127040 GLAMOX-PC2127040 Datasheet
153Kb / 2P
PACO G2-93 BL 3200 HF940 60°/GL
PC2127041 GLAMOX-PC2127041 Datasheet
165Kb / 2P
PACO G2-93 WH 3200 HF940 60°/GL
PC2127044 GLAMOX-PC2127044 Datasheet
142Kb / 2P
PACO G2-106 BL 3600 HF940 60°/GL
More results

Similar Description - PC2127045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL-8U ETC-GL-8U Datasheet
197Kb / 6P
GL-8U
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
GHB-3M30-G2
logo
EPCOS
B49410B2366Q000 EPCOS-B49410B2366Q000 Datasheet
110Kb / 2P
Single cell 3600 F/ 2.5 V
logo
List of Unclassifed Man...
MS-200278 ETC2-MS-200278 Datasheet
224Kb / 1P
106-SD02-EV, 106-SD04-EV, 106-SD06-EV, 106-SD08-EV
IW-SMG2N1 ETC2-IW-SMG2N1 Datasheet
1Mb / 25P
Nano WiReach G2 N1
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
CONN,RJ45,1X1,10G,G2
logo
PHOENIX CONTACT
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
logo
Ledil, Inc.
C17539 LEDIL-C17539 Datasheet
1Mb / 3P
Colour mixing sublens for BARBARA-G2 and BROOKE-G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
DataTraveler Elite G2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com