Electronic Components Datasheet Search
  English  ▼

X  

8187366 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8187366
Description  Flow sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8187366 Datasheet(HTML) 2 Page - Festo Corporation.

  8187366 Datasheet HTML 1Page - Festo Corporation. 8187366 Datasheet HTML 2Page - Festo Corporation. 8187366 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Ambient temperature
0 °C ... 50 °C
Nominal temperature
23 °C
Accuracy of pressure value in ± %FS
1.5 %FS
Accuracy of flow rate
± (3% o.m.v. + 0.3% FS)
Accuracy of temperature in ± °C
5 °C
Repetition accuracy of pressure value in ± %FS
0.3 %FS
Zero point repetition accuracy in ± %FS
0.2 %FS
Repetition accuracy margin in ± %FS
0.8 %FS
Temperature co-efficient in ± %FS/K
0.05 %FS/K
Temperature co-efficient margin in ± %FS/K
typ. 0. 1%FS/K
Pressure influence of margin in ±%FS/bar
0.5 %FS/b.
Switching output
2 x PNP or 2 x NPN switchable
Switching function
Window comparator or threshold value comparator, adjustable
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Analog output
0 - 10 V
4 - 20 mA
1 - 5 V
Flow characteristic curve, start value
0 l/min
Flow characteristic curve, end value
5000 l/min
Temperature characteristic curve start value
0 °C
Temperature characteristic curve end value
100 °C
Output characteristic curve initial value
0 V
End value output characteristic curve
10 V
Output characteristic curve initial value
4 mA
End value output characteristic curve
20 mA
Max. load resistance of current output
500 Ohm
Min. load resistance of voltage output
20 kOhm
Short-circuit protection
yes
Overload protection
Available
Protocol
IO-Link®
IO-Link, revision ID
V1.1
IO-Link, device profile
Firmware update
Function Locator
Function Product URI
Function Quantity detection
Identification and diagnosis
Smart Sensor - SSP 4.1.3
IO-Link, transmission rate
COM3
IO-Link®, SIO mode support
Yes
IO-Link, port type
Class A
IO-Link, process data length output
0 bit
IO-Link, process data length input
96 bit
IO-Link®, process data content IN
Current operating status 4 bit
Monitoring the pressure drop at peak flow 1 bit SSC
Monitoring the pressure drop at medium flow rate 1 bit SSC
Monitoring the pressure stability in active operating status 1 bit SSC
Monitoring of pressure stability in passive operating status 1 bit SSC
Monitoring the average flow rate 1 bit SSC
Reference record unusable 1 bit
Monitoring the peak flow rate 1 bit SSC
Time monitoring of the active-static operating status 1 bit SSC
IO-Link®, service data contents IN
Volume / mass measured value 32-bit
Pneumatic energy measurement 32 bit
Pneumatic power measurement value 32 bit
IO-Link®, minimum cycle time
1.5 ms
IO-Link®, data memory required
1000 byte
DC operating voltage range
18 V ... 30 V
1/22/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com