Electronic Components Datasheet Search
  English  ▼

X  

DS36C280 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C280
Description  Slew Rate Controlled CMOS EIA-RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C280 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DS36C280 Datasheet HTML 1Page - National Semiconductor (TI) DS36C280 Datasheet HTML 2Page - National Semiconductor (TI) DS36C280 Datasheet HTML 3Page - National Semiconductor (TI) DS36C280 Datasheet HTML 4Page - National Semiconductor (TI) DS36C280 Datasheet HTML 5Page - National Semiconductor (TI) DS36C280 Datasheet HTML 6Page - National Semiconductor (TI) DS36C280 Datasheet HTML 7Page - National Semiconductor (TI) DS36C280 Datasheet HTML 8Page - National Semiconductor (TI) DS36C280 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Unit Load (Continued)
Slew Rate Control
The DS36C280 features an adjustable slew rate control.
This feature allows more control over EMl levels than tradi-
tion fixed edge rate devices. The slew rate control may be
adjusted with or without any external components. The
DS36C280 offers both low power (I
CC 500 µA max) and low
EMI for an RS-485 interface.
The slew rate control is located at pin two of the device and
only controls the driver output edges. The slew rate control
pin (SR) may be left open or shorted to ground, with or
without a resistor. When the SR pin is shorted to ground
without a resistor, the driver output edges will transition
typically 350 ns. When the SR pin is left open, the driver
output edges will transition typically 3 µs. When the SR pin is
shorted to ground with a resistor, the driver output edges will
transition between 350 ns and 3 µs depending on the resis-
tor value. Refer to the slew rate versus resistor value curve
in this datasheet for determining resistor values and ex-
pected typical slew rate value. Please note, when slowing
the edge rates of the device (see Figure 19 ) will decrease
the maximum data rate also.
01205219
FIGURE 18. Input Current vs Input Voltage
Operating Range
Differential Rise/Fall Time
vs Slew Rate Resistor
01205220
FIGURE 19. Slew Rate Resistor
vs Rise/Fall Time
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com