Electronic Components Datasheet Search
  English  ▼

X  

DS90C032B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032B
Description  LVDS Quad CMOS Differential Line Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90C032B Datasheet HTML 1Page - National Semiconductor (TI) DS90C032B Datasheet HTML 2Page - National Semiconductor (TI) DS90C032B Datasheet HTML 3Page - National Semiconductor (TI) DS90C032B Datasheet HTML 4Page - National Semiconductor (TI) DS90C032B Datasheet HTML 5Page - National Semiconductor (TI) DS90C032B Datasheet HTML 6Page - National Semiconductor (TI) DS90C032B Datasheet HTML 7Page - National Semiconductor (TI) DS90C032B Datasheet HTML 8Page - National Semiconductor (TI) DS90C032B Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Application
Applications Information
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in Figure 5. This configuration provides a clean signaling
environment for the quick edge rates of the drivers. The
receiver is connected to the driver through a balanced media
which may be a standard twisted pair cable, a parallel pair
cable, or simply PCB traces. Typically the characteristic
impedance of the media is in the range of 100
Ω. A termina-
tion resistor of 100
Ω should be selected to match the media,
and is located as close to the receiver input pins as possible.
The termination resistor converts the current sourced by the
driver into a voltage that is detected by the receiver. Other
configurations are possible such as a multi-receiver configu-
ration, but the effects of a mid-stream connector(s), cable
stub(s), and other impedance discontinuities as well as
ground shifting, noise margin limits, and total termination
loading must be taken into account.
TheDS90C032B differential line receiver is capable of de-
tecting signals as low as 100 mV, over a ±1V common-mode
range centered around +1.2V. This is related to the driver
offset voltage which is typically +1.2V. The driven signal is
centered around this voltage and may shift ±1V around this
center point. The ±1V shifting may be the result of a ground
potential difference between the driver’s ground reference
and the receiver’s ground reference, the common-mode ef-
fects of coupled noise, or a combination of the two. Both
receiver input pins should honor their specified operating
input voltage range of 0V to +2.4V (measured from each pin
to ground), exceeding these limits may turn on the ESD
protection circuitry which will clamp the bus voltages.
RECEIVER FAILSAFE
The LVDS receiver is a high gain, high speed device that
amplifies a small differential signal (20mV) to CMOS logic
levels. Due to the high gain and tight threshold of the re-
ceiver, care should be taken to prevent noise from appearing
as a valid signal.
The receiver’s internal failsafe circuitry is designed to
source/sink a small amount of current, providing failsafe
protection (a stable known state of HIGH output voltage) for
floating and terminated (100
Ω) receiver inputs in low noise
environment (differential noise < 10mV).
1.
Open Input Pins. TheDS90C032B is a quad receiver
device, and if an application requires only 1, 2 or 3
receivers, the unused channel(s) inputs should be left
OPEN. Do not tie unused receiver inputs to ground or
any other voltages. The input is biased by internal high
value pull up and pull down resistors to set the output to
a HIGH state. This internal circuitry will guarantee a
HIGH, stable output state for open inputs.
2.
Terminated Input. TheDS90C032B requires external
failsafe biasing for terminated input failsafe.
Terminated input failsafe is the case of a receiver that
has a 100
Ω termination across its inputs and the driver
is in the following situations. Unplugged from the bus, or
the driver output is in TRI-STATE or in power-off condi-
tion. The use of external biasing resistors provide a
small bias to set the differential input voltage while the
line is un-driven, and therefore the receiver output will be
in HIGH state. If the driver is removed from the bus but
the cable is still present and floating, the unplugged
cable can become a floating antenna that can pick up
noise. The LVDS receiver is designed to detect very
small amplitude and width signals and recover them to
standard logic levels. Thus, if the cable picks up more
than 10mV of differential noise, the receiver may re-
spond. To insure that any noise is seen as common-
mode and not differential, a balanced interconnect and
twisted pair cables is recommended, as they help to
ensure that noise is coupled common to both lines and
rejected by the receivers.
3.
Operation in environment with greater than 10mV
differential noise.
National recommends external failsafe biasing on its
LVDS receivers for a number of system level and signal
quality reasons. First, only an application that requires
failsafe biasing needs to employ it. Second, the amount
of failsafe biasing is now an application design param-
eter and can be custom tailored for the specific applica-
tion. In applications in low noise environments, they may
choose to use a very small bias if any. For applications
with less balanced interconnects and/or in high noise
environments they may choose to boost failsafe further.
Nationals "LVDS Owner’s Manual provides detailed cal-
culations for selecting the proper failsafe biasing resis-
tors. Third, the common-mode voltage is biased by the
resistors during the un-driven state. This is selected to
be close to the nominal driver offset voltage (V
OS). Thus
when switching between driven and un-driven states,
the common-mode modulation on the bus is held to a
minimum.
For additional Failsafe Biasing information, please refer
to Application Note AN-1194 for more detail.
The footprint of theDS90C032B is the same as the industry
standard 26LS32 Quad Differential (RS-422) Receiver.
For additional LVDS application information, please refer to
National’s LVDS Owner’s Manual available through Nation-
al’s website www.national.com/appinfo/lvds.
10099007
FIGURE 5. Point-to-Point Application
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com