Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5292CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL5292CS Datasheet HTML 1Page - Intersil Corporation EL5292CS Datasheet HTML 2Page - Intersil Corporation EL5292CS Datasheet HTML 3Page - Intersil Corporation EL5292CS Datasheet HTML 4Page - Intersil Corporation EL5292CS Datasheet HTML 5Page - Intersil Corporation EL5292CS Datasheet HTML 6Page - Intersil Corporation EL5292CS Datasheet HTML 7Page - Intersil Corporation EL5292CS Datasheet HTML 8Page - Intersil Corporation EL5292CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN7192.1
June 28, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . . 11V
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, TA = +25°C unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
AC PERFORMACE
BW
-3dB Bandwidth
AV = +1
600
MHz
AV = +2
300
MHz
BW1
0.1dB Bandwidth
25
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
2000
2300
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = -1
9
ns
CS
Channel Separation
f = 5MHz
60
dB
eN
Input Voltage Noise
4.1
nV/
√Hz
iN-
IN- Input Current Noise
20
pA/
√Hz
iN+
IN+ Input Current Noise
50
pA/
√Hz
dG
Differential Gain Error (Note 1)
AV = +2
0.015
%
dP
Differential Phase Error (Note 1)
AV = +2
0.04
°
DC PERFORMANCE
VOS
Offset Voltage
-10
1
10
mV
TCVOS
Input Offset Voltage Temperature Coefficient Measured from TMIN to TMAX
5µV/°C
ROL
Transimpediance
200
400
k
Ω
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
42
50
dB
+IIN
+ Input Current
-60
3
60
µA
-IIN
- Input Current
-35
4
35
µA
RIN
Input Resistance
37
k
Ω
CIN
Input Capacitance
0.5
pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.4
±3.7
V
RL = 1kΩ to GND
±3.8
±4.0
V
IOUT
Output Current
RL = 10Ω to GND
95
120
mA
SUPPLY
ISON
Supply Current - Enabled
No load, VIN = 0V
5
6
7.5
mA
ISOFF
Supply Current - Disabled
No load, VIN = 0V
100
150
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
55
75
dB
EL5292, EL5292A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com