Electronic Components Datasheet Search
  English  ▼

X  

ADPA7005 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7005
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7005 Datasheet HTML 13Page - Analog Devices ADPA7005 Datasheet HTML 14Page - Analog Devices ADPA7005 Datasheet HTML 15Page - Analog Devices ADPA7005 Datasheet HTML 16Page - Analog Devices ADPA7005 Datasheet HTML 17Page - Analog Devices ADPA7005 Datasheet HTML 18Page - Analog Devices ADPA7005 Datasheet HTML 19Page - Analog Devices ADPA7005 Datasheet HTML 20Page - Analog Devices ADPA7005 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADPA7005
APPLICATIONS INFORMATION
analog.com
Rev. A | 17 of 24
Figure 52 shows the basic connections for operating the
ADPA7005. All measurements for this device were taken using the
typical application circuit shown in Figure 52.
Capacitive bypassing is required for all VGGx and VDDx pins.
VGG1 and VGG2 are the gate bias pins, and VDD1 to VDD6 are
the drain bias pins to the cascaded amplifier.
The power supply and gate voltage decoupling capacitors shown in
Figure 52 represent the configuration that was used to characterize
and qualify the device. It may be possible to reduce the number
of capacitors; however, this modification can vary from system to
system. It is recommended to first remove or combine the largest
capacitors that are farthest from the device. The following is the
recommended bias sequence during power-up:
1. Connect the power supply ground to circuit ground (GND).
2. Set the VGGx gate bias voltages to −1.5 V.
3. Set all VDDx drain bias voltages to 5 V.
4. Increase the VGGx gate bias voltages to achieve the quiescent
supply current and set IDQ = 1400 mA.
5. Apply the RF signal.
The following is the recommended bias sequence during power-
down:
1. Turn off the RF signal.
2. Decrease the VGGx gate bias voltages to −1.5 V to achieve an
IDQ = 0 mA (approximately).
3. Decrease all VDDx drain bias voltages to 0 V.
4. Increase the VGGx gate bias voltages to 0 V.
The VDD = 5 V and IDQ = 1400 mA bias conditions are recommend-
ed to optimize overall performance when the gate voltage is being
held at a fixed value (note that with the gate voltage held at a
fixed value, the drain current, IDD, increases as the RF input power
level is increased, as shown in Figure 41). Unless otherwise noted,
the data shown was taken using the recommended bias conditions.
Operation of the ADPA7005 at different bias conditions can result
in different performance. Biasing the ADPA7005 for higher IDQ
typically results in higher gain and output P1dB at the expense of
increased power dissipation (see Table 9).
Table 9. Power Selection1, 2
IDQ (mA)
Gain (dB)
Output P1dB (dBm)
Output IP3 (dBm)
PDISS (W)
VGGx (V)
1200
15.80
31.89
42.90
6
–0.73
1400
16.20
31.93
41.30
7
–0.68
1600
16.50
31.95
39.55
8
–0.63
1 Data taken at the following nominal bias conditions: VDD = 5 V, TCASE = 25°C, frequency = 32 GHz.
2 Adjust VGG1 and VGG2 from −1.5 V to 0 V to achieve the desired IDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com