Electronic Components Datasheet Search
  English  ▼

X  

ADPA7005AEHZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7005AEHZ
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005AEHZ Datasheet(HTML) 1 Page - Analog Devices

  ADPA7005AEHZ Datasheet HTML 1Page - Analog Devices ADPA7005AEHZ Datasheet HTML 2Page - Analog Devices ADPA7005AEHZ Datasheet HTML 3Page - Analog Devices ADPA7005AEHZ Datasheet HTML 4Page - Analog Devices ADPA7005AEHZ Datasheet HTML 5Page - Analog Devices ADPA7005AEHZ Datasheet HTML 6Page - Analog Devices ADPA7005AEHZ Datasheet HTML 7Page - Analog Devices ADPA7005AEHZ Datasheet HTML 8Page - Analog Devices ADPA7005AEHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
ADPA7005
18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Output P1dB: up to 31 dBm typical
►
PSAT: up to 32 dBm typical
►
Gain: up to 15.5 dB typical
►
Output IP3: up to 42.5 dBm typical
►
Supply voltage: 5 V at 1400 mA
►
50 Ω matched input and output
►
18-terminal, 7 mm × 7 mm LCC_HS package
►
Integrated power detector
APPLICATIONS
►
Military and space
►
Test instrumentation
►
Communications
GENERAL DESCRIPTION
The ADPA7005 is a gallium arsenide (GaAs), pseudomorphic high
electron mobility transfer (pHEMT), monolithic microwave integrat-
ed circuit (MMIC), 32 dBm saturated output power (PSAT), >1 W,
power amplifier, with an integrated temperature compensated, on-
chip power detector that operates between 18 GHz and 44 GHz.
The ADPA7005 provides 15.5 dB of small signal gain and approxi-
mately 32 dBm of PSAT at 32 GHz from a 5 V supply
(see Figure 26). The ADPA7005 has an output IP3 of 40 dBm
between 24 GHz to 34 GHz and is ideal for linear applications such
as electronic countermeasure and instrumentation applications re-
quiring >30 dBm of efficient PSAT. The RF input and outputs are
internally matched and dc blocked for ease of integration into
higher level assemblies. The ADPA7005 is packaged in a 7 mm
× 7 mm, 18‑terminal ceramic leadless chip carrier with heat sink
(LCC_HS) that exhibits low thermal resistance and is compatible
with surface-mount manufacturing techniques.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADPA7005AEHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7005C-KIT AD-ADPA7005C-KIT Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
More results

Similar Description - ADPA7005AEHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
9/2018-Revision 0
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com