Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 9 Page - Arm Limited (or its affiliates).

Part # 200
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

200 Datasheet(HTML) 9 Page - Arm Limited (or its affiliates).

Back Button 200 Datasheet HTML 5Page - Arm Limited (or its affiliates). 200 Datasheet HTML 6Page - Arm Limited (or its affiliates). 200 Datasheet HTML 7Page - Arm Limited (or its affiliates). 200 Datasheet HTML 8Page - Arm Limited (or its affiliates). 200 Datasheet HTML 9Page - Arm Limited (or its affiliates). 200 Datasheet HTML 10Page - Arm Limited (or its affiliates). 200 Datasheet HTML 11Page - Arm Limited (or its affiliates). 200 Datasheet HTML 12Page - Arm Limited (or its affiliates). 200 Datasheet HTML 13Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
User-Based Licensing overview
1. Product activation. Configures licensing for a specific Arm software product and user, on a
device. Activating a product creates a license in the local storage for the device. This cached
license is valid for 30 days. For further details see:
• See Activate your product using an activation code
• See Activate your product using a license server
2. Product use. When your Arm software product runs, it checks your entitlement to use the
product by connecting to the license server or activation code URL. If the product cannot
connect to the license server or activation code URL, the cached license in the device local
storage is used. As long as the cached license remains valid, unmet network requirements are
not reported.
Each day your product runs, the product automatically attempts to renew the cached license
for another 30 days.
3. Product deactivation. Removes the entitlement of a user to use an Arm software product on a
device. See Deactivate your product for more details.
2.4 Network requirements for user-based licensing
Describes the network requirements for Arm user-based licensing.
The phase of the license lifecycle require network access:
• Product activation requires network access to enable delivery of a license to the device local
storage
• Product use requires network access at least once every 30 days to renew the license
• Product deactivation does not require network access, as the product is only deactivated locally
The network access required depends on the type of licensing used; activation code or license
server.
Users can work completely offline when using license keys, for further details see
Activate your product if your device is offline.
Network requirements for activation codes
Users require access to the following URLs:
• https://api.arm.com/p-software-licensing
• https://arm.compliance.flexnetoperations.eu/instances
A simple way to check whether you have access to these resources is to copy and paste the above
URLs above into the address field of your web browser:
• A successful test returns a 404 Not Found error, which means the end-point responded.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
9 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com