Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 12 Page - Arm Limited (or its affiliates).

Part # 300
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

300 Datasheet(HTML) 12 Page - Arm Limited (or its affiliates).

Back Button 300 Datasheet HTML 8Page - Arm Limited (or its affiliates). 300 Datasheet HTML 9Page - Arm Limited (or its affiliates). 300 Datasheet HTML 10Page - Arm Limited (or its affiliates). 300 Datasheet HTML 11Page - Arm Limited (or its affiliates). 300 Datasheet HTML 12Page - Arm Limited (or its affiliates). 300 Datasheet HTML 13Page - Arm Limited (or its affiliates). 300 Datasheet HTML 14Page - Arm Limited (or its affiliates). 300 Datasheet HTML 15Page - Arm Limited (or its affiliates). 300 Datasheet HTML 16Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
Using user-based licensing
3. Using user-based licensing
Describes how you can activate a user-based licensing license on a local device using an activation
code or a license server. Also describes how to deactivate a license on your local device.
Arm product contain an armlm command-line utility to perform license management functions, like
activation and deactivation. This utility is typically located with other executables for that product,
for example in the bin directory at the product installation location.
3.1 Activate your product using a license server
To enable your Arm® software product to work with your user-based product entitlement, you
must activate your product. This topic describe how to activate your product using a license server.
Before you begin
• Install your Arm product.
• The user-based licensing license server administrator must provide the URL to access the
license server and the Arm product code to use.
About this task
• You can activate a product on multiple devices with the same activation code using the same
username.
• Sharing the same username for more than one user is not permitted by your license agreement.
For details of activation using an activation code see Activate your product using an activation
code.
Procedure
Run the following command to activate a product using a code:
armlm activate --server <URL> --product <product_code>
Where:
◦ <URL> is the URL to access the license server
◦ <product_code> is the product code for the required product
Next steps
After activation, the license is bound to the username of the end-user or service account for a
maximum of 30 days. Any time you use the Arm product that supports user-based licensing on the
same device, the software attempts to extend the license for the next 30 days by contacting the
license server. If the license cannot be extended, for example there is no connection to the license
server, the product can still be used as licensed until the 30-day limit expires.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
12 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com