Electronic Components Datasheet Search
  English  ▼

X  

SOFTZORBMCS Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SOFTZORBMCS
Description  Soft Version of EccoSorb MCS Absorders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SOFTZORBMCS Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SOFTZORBMCS Datasheet HTML 1Page - Laird Tech Smart Technology SOFTZORBMCS Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SoftZorb MCS Data Sheet
Soft Version of EccoSorb MCS Absorders
SZorb-MCS-0120
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird
Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any
kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2019 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird Technologies or any third-party intellectual property rights.
2
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
Frequency, GHz
Attenuation, SoftZorb MCS
0
5
10
15
20
25
30
35
40
45
0
10
20
30
40
50
60
70
80
90
100
Pressure (psi)
SoftZorb MCS Typical Deflection
Average
APPLICATIONS
 This softer material offers lower deflection for use in cavities whenever a lid may potential
contact with and compress the absorber causing possible damage to other components.
In addition, Softzorb MCS’ ability to more thoroughly fill the cavity greatly increases
absorber performance by limiting leakage around the absorber
 Can be used in commercial Datacom equipment such as optical transceiver
cavities where space is at a premium and superior absorbing capabilities are required.
AVAILABILITY
 Standard sheets are 305 x 305mm (12”x12”).
 Standard thicknesses are 0.5mm (0.020”),1.0mm (0.040”),1.5mm (0.060”) , 22 mm
(0.08”), 2.54mm (0.100”) and 3 mm (0.12”)
 Available in other thicknesses, sizes, and customer specified shapes upon request.
USA: +1.866.928.8181
Europe: +49.8031.24600
Asia: +86.755.2714.1166
www.laird.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com