Electronic Components Datasheet Search
  English  ▼

X  

EL5191CS Datasheet(PDF) 17 Page - Intersil Corporation

Part # EL5191CS
Description  1GHz Current Feedback Amplifier with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191CS Datasheet(HTML) 17 Page - Intersil Corporation

Back Button EL5191CS Datasheet HTML 12Page - Intersil Corporation EL5191CS Datasheet HTML 13Page - Intersil Corporation EL5191CS Datasheet HTML 14Page - Intersil Corporation EL5191CS Datasheet HTML 15Page - Intersil Corporation EL5191CS Datasheet HTML 16Page - Intersil Corporation EL5191CS Datasheet HTML 17Page - Intersil Corporation EL5191CS Datasheet HTML 18Page - Intersil Corporation EL5191CS Datasheet HTML 19Page - Intersil Corporation EL5191CS Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
FN7180.3
May 16, 2007
Typical Application Circuits
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
250
Ω
5
Ω
5
Ω
250
Ω
250
Ω
VOUT
VIN
INVERTING 200mA OUTPUT CURRENT DISTRIBUTION AMPLIFIER
0.1µF
0.1µF
+5V
-5V
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
0.1µF
0.1µF
250
Ω
250
Ω
250
Ω
250
Ω
VOUT
VIN
+5V
-5V
FAST-SETTLING PRECISION AMPLIFIER
EL5191, EL5191A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com