Electronic Components Datasheet Search
  English  ▼

X  

STPSC6G065 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPSC6G065
Description  650 V, 6 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6G065 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPSC6G065 Datasheet HTML 2Page - STMicroelectronics STPSC6G065 Datasheet HTML 3Page - STMicroelectronics STPSC6G065 Datasheet HTML 4Page - STMicroelectronics STPSC6G065 Datasheet HTML 5Page - STMicroelectronics STPSC6G065 Datasheet HTML 6Page - STMicroelectronics STPSC6G065 Datasheet HTML 7Page - STMicroelectronics STPSC6G065 Datasheet HTML 8Page - STMicroelectronics STPSC6G065 Datasheet HTML 9Page - STMicroelectronics STPSC6G065 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
TO-220AC package information
•
Epoxy meets UL 94,V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.55 N·m
•
Maximum torque value: 0.70 N·m
Figure 9. TO-220AC package outline
(1) : Max resin gate protusion 0.5 mm
(2) : Resin gate position is accepted in each of the two positions
shown on the drawings or their symmetrical
0015990_15
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STPSC6G065
Package information
DS15008 - Rev 2
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com