Electronic Components Datasheet Search
  English  ▼

X  

FDB103 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # FDB103
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FDB103 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  FDB103 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FDB103 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 30 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FDB
103
FDB
104
FDB
105
FDB
106
FDB
107
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 1.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
FDB
101
FDB
102
50
100
1.3
1.0
30.0
IFSM
FDB101 --- FDB107
A
10.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
1.0
SILICON BRIDGE RECTIFIERS
Lead: silver plated copper, solderde plated
A
- 55 ---- + 150
- 55 ---- + 125
IR
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
1.0 A
35
5
0
DB - 1
Plastic material has UL flammability classification
Polarity symbols molded on body
Weight: 0.016 ounces,0.45 grams
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0287011
1.
inch(mm)
.245(6.2)
.255(6.5)
.310(7.9)
.290(7.4)
.350(8.9)
.300(7.6)
.355(9.0)
.365(9.3)
.020(.51)
.016(.41)
.195(5.0)
.205(5.2)
.135(3.4)
.155(2.9)
.155(3.9)
.165(4.2)
.060(1.5)
Maximum reverse recovery time (Note1)
t rr
150
250
500
ns
NOTE:1. Measured with I
F=0.5A,IR=1A, I
rr=0.25A.


Similar Part No. - FDB103

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FDB103 LUGUANG-FDB103 Datasheet
161Kb / 2P
Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
FDB103 DSK-FDB103 Datasheet
157Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
FDB103 BILIN-FDB103 Datasheet
143Kb / 3P
RECOVERY BRIDGE RECTIFIER
FDB103S BILIN-FDB103S Datasheet
136Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
FDB103S LUGUANG-FDB103S Datasheet
171Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - FDB103

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com