Electronic Components Datasheet Search
  English  ▼

X  

PCO104591 Datasheet(PDF) 1 Page - Glamox

Part # PCO104591
Description  PACO-70 WH 1400 DALI940 60°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

PCO104591 Datasheet(HTML) 1 Page - Glamox

  PCO104591 Datasheet HTML 1Page - Glamox PCO104591 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
PACO-70 WH 1400 DALI
940 60°
Item No.
PCO104591
GTIN
5903531045913
Stock status code
M
Technical specifications
Mounting
Product Mounting
Track
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
14
IEC Protection Class
I
Number Of Luminaire MCB 10B
14
Number Of Luminaire MCB 16B
24
Optic
Optic Name
MB60 - Medium Beam 60°
Diffuser Material Design
Clear
Reflector Material
Glass
Optic main category
Reflector
Certificates
Certification
HACCP
Technical Data
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
1400
Lumen Per Watt (lm/W)
100
Lamp colour temp (K)
4000
Colour Rendering Index
>90
MacAdam step
3
Light Source Included
true
Dimmable
true
Driver / Ballast
Type of LED Driver
DALI: Dimming
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Aluminium
Main Body Material Production Method
Die-casted
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
210
Diameter (mm)
70
Item Net Weight (kg)
0.8556
Logistic Data
Item Gross Weight (kg)
0.93


Similar Part No. - PCO104591

ManufacturerPart #DatasheetDescription
logo
Glamox
PCO104590 GLAMOX-PCO104590 Datasheet
167Kb / 2P
PACO-70 BL 1400 DALI 94060°
More results

Similar Description - PCO104591

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
2N4361-2N4371 POWEREX-2N4361-2N4371 Datasheet
796Kb / 4P
Phase Control SCR 70 Amoeres Average(110 RMS) 1400 Volts
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
60MT80KPBF VISHAY-60MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 60/70 A
29-Apr-08
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
60-70MT..KPBF VISHAY-60-70MT..KPBF Datasheet
166Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
29-Apr-08
logo
PHOENIX CONTACT
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
logo
Vishay Siliconix
VS-MTKPBF VISHAY-VS-MTKPBF Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
VS-60-70MT..KPBF VISHAY-VS-60-70MT..KPBF Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
logo
Kemet Corporation
080MS12AAMA1STD KEMET-080MS12AAMA1STD Datasheet
589Kb / 7P
MS/MD, 60°C/70°C
6/21/2021
logo
Vishay Siliconix
VS-60-70MT..KPBF VISHAY-VS-60-70MT..KPBF_V02 Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com