Electronic Components Datasheet Search
  English  ▼

X  

WS81 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # WS81
Description  Thin Film DIN Class “A” RTD Elements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

WS81 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  WS81 Datasheet HTML 1Page - Omega Engineering, Inc. WS81 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
OMEGATM Thin Film RTD Elements
* Length is 17 mm for 1000 and 2000 Ω elements.
Ordering Example: W2103, 1 x 100 Ω, 2 mm dia. platinum RTD element.
All RTD elements
available with PFA
insulated lead wire.
† Pricing is dependent
on lead style.
OMEGAFILMTM—Platinum RTD Elements (Alpha = 0.00385)
Series W: Series W elements are rugged, cylindrical
platinum thin film ceramic elements that can be used at
temperatures between -50 and 600°C (-58 to 1112°F).
These elements have a 0.38 mm (0.015") diameter and
gold-palladium leads approximately 10 mm (0.4") long
which are strain relieved in the ceramic body. Series W
elements include single and dual element configurations
with resistances at 0°C of 100, 200, 400, 500, 1000, and
2000 Ω. The resistance vs. temperature characteristics
of these elements conforms to IEC751, with a tolerance
of ±0.1% at 0°C, placing their accuracy between the
Class A and Class B requirements. The resistance vs.
temperature table and calculation equations can be
found in the technical reference section online.
OMEGAFILMTM RTDs can be used as-is with various
OMEGATM controllers and instruments, or packaged
into an unlimited number of housings and package
styles to meet your measurement and control needs.
Discount Schedule
1 to 10 units ........... Net
11 to 24 units ......... 10%
25 to 49 units ......... 15%
50 to 99 units ......... 20%
100 units and up ...... 25%
Shown larger than actual size
W2112
W2102
Shown actual size.
W2204
To Order
15 mm Lead Length
Nominal
Series
Dimensions in millimeters
Single or
Resistance
Temperature
Model
(1 mm = 0.03937")
Dual
(Ω)
Range
Number
1
x
100
W2102
1
x
200
W2112
W
1
x
500
W2132
1
x
1000
W2142
1
x
2000
W2152
2
x
100
W2202
2
x
200
W2212
W
2
x
400
W2222
2
x
500
W2232
2
x
1000
W2242
1
x
100
W2103
W
2
x
100
W2204
WS
1
x
100
WS81
ARTWORK/PRODUCT ART/ TEMPERATURE/T-W/SINGLE
12
3.0
ARTWORK/PRODUCT ART/ TEMPERATURE/T-W/dual
12
3.0
ARTWORK/PRODUCT ART/ TEMPERATURE/T-w2103
7
2.0
ARTWORK/PRODUCT ART/ TEMPERATURE/T-W2204
7
3.0
-50
to
600°C
(-58
to
1112°F)
“W” Series
-50 to
600°C
(-60 to
1112°F)
ARTWORK/PRODUCT ART/ TEMPERATURE/T-WS81
1.0
2.2
6.7
2.1 thick
*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com