Electronic Components Datasheet Search
  English  ▼

X  

L6515 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6515
Description  DUAL DC-MOTOR POSITIONING SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6515 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6515 Datasheet HTML 5Page - STMicroelectronics L6515 Datasheet HTML 6Page - STMicroelectronics L6515 Datasheet HTML 7Page - STMicroelectronics L6515 Datasheet HTML 8Page - STMicroelectronics L6515 Datasheet HTML 9Page - STMicroelectronics L6515 Datasheet HTML 10Page - STMicroelectronics L6515 Datasheet HTML 11Page - STMicroelectronics L6515 Datasheet HTML 12Page - STMicroelectronics L6515 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
POSITION ENCODER
Main advantage of the operation principle of the
positioning system is that a high performance po-
sition encoder is not required.
The system accepts several phases and ampli-
tude errors of the encoder output signal without
affecting the system performance.
Two position sensors are useful.
1) Optical-Encoder with IR-LED and Phototransistor
2) Magnetic Encoder with hall-effect sensors
The allowed spread of the encoder output signal refer to reference level is shown in Fig.3.
Figure 3.
Figure 2.
Figure 1.
L6515
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13