Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet(PDF) 13 Page - Analog Devices

Part # LT1568
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1568 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT1568 Datasheet HTML 9Page - Analog Devices LT1568 Datasheet HTML 10Page - Analog Devices LT1568 Datasheet HTML 11Page - Analog Devices LT1568 Datasheet HTML 12Page - Analog Devices LT1568 Datasheet HTML 13Page - Analog Devices LT1568 Datasheet HTML 14Page - Analog Devices LT1568 Datasheet HTML 15Page - Analog Devices LT1568 Datasheet HTML 16Page - Analog Devices LT1568 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC6601-2
13
66012f
V+, V– (Pins 14, 13): Power Supply Pins. It is critical that
close attention be paid to supply bypassing. For single
supply applications (Pin 13 grounded), it is recommended
that a high quality 0.1μF surface mount ceramic bypass
capacitor (X7R dielectric for instance) be placed between
Pins 14 and 13, with direct short connections. Pin 13
should be tied directly to a low impedance ground plane
with minimal routing. For dual (split) power supplies, it
is recommended that at least two additional high quality
0.1μF ceramic capacitors are used to bypass V+ to ground
and V– to ground, again with minimal routing. For driving
large loads (< 200Ω), additional bypass capacitance may
be added for optimal performance. Keep in mind that small
geometry (e.g., 0603) surface mount ceramic capacitors
have a much lower ESL than do leaded capacitors, and
perform best in high speed applications.
C7, C8 (Pins 17, 16): Input to a trimmed 10.55pF, 21.1pF
capacitor which feeds the amplifier noninverting sum-
ming node. Typically, either float or tie to OUT–. For best
performance, stray capacitance should be kept as low as
possible by keeping printed circuit connections as short
and direct as possible.If necessary, strip back the sur-
rounding ground plane away from these pins.
C5, C6 (Pins 19, 18): Input to a trimmed 16.1pF, 33.3pF
capacitor which feeds an inverting summing node. Typi-
cally, either float or tie to OUT+. If either of these pins are
tied to a low impedance source other than OUT+, a re-
sistance of at least 25Ω should be placed in series. For
best performance, it is highly recommended that stray
capacitance be kept to as low as possible by keeping printed
circuit connections as short and direct as possible, and if
necessary, stripping back nearby surrounding reference
plane away from these pins.
Exposed Pad (Pin 21): Always tie the underlying Exposed
Pad to V– (Pin 13). If split supplies are used, do not tie
the pad to ground. Tie it to V–.
PIN FUNCTIONS (Refer to the Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com