Electronic Components Datasheet Search
  English  ▼

X  

L6560A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6560A
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6560A Datasheet(HTML) 3 Page - STMicroelectronics

  L6560A Datasheet HTML 1Page - STMicroelectronics L6560A Datasheet HTML 2Page - STMicroelectronics L6560A Datasheet HTML 3Page - STMicroelectronics L6560A Datasheet HTML 4Page - STMicroelectronics L6560A Datasheet HTML 5Page - STMicroelectronics L6560A Datasheet HTML 6Page - STMicroelectronics L6560A Datasheet HTML 7Page - STMicroelectronics L6560A Datasheet HTML 8Page - STMicroelectronics L6560A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 14.5V; Tj =25
°C unless otherwise specified)
SUPPLY VOLTAGE SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
8
Operating Range
after turn-on
11
18
V
VCC ON
8
Turn-on Threshold
L6560
L6560A
13.5
11
14.5
12
15.5
13
V
v
VCC OFF
8
Turn-off Threshold
L6560
L6560A
9
8.7
10
9.6
11
10.5
V
V
Hys
8
Hysteresis
L6560
L6560A
4.3
2.5
4.7
2.8
5.1
3.1
V
V
SUPPLY CURRENT SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ISTART-U
8
Start-up Current
before turn-on at:
VCC = 13V (L6560)
VCC = 10.5V (L6560A)
0.3
0.5
mA
ICC
8
Operating Supply Current
CL = 0nF @ 70KHz
2.5
3.5
mA
CL = 1nF @ 70KHz
3.2
4
mA
in OVP condition Vpin1 = 2.7V
0.9
1.3
mA
VZ
8
Zener Voltage
ICC = 25mA
18
20
22
V
ERROR AMPLIFIER SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VINV
1
Voltage Feedback Input
Threshold
2.46
2.5
2.54
V
–25
≤ TJ ≤ 85°C; 12V < VCC < 18V 2.43
2.56
TS
Temperature Stability
Tamb = -25 to 85
°C
0.5
%
RL
Line Regulation
VCC = 11 to 18V
1
4
mV
IINV
1
Input Bias Current
0.1
1
µA
GV
Voltage Gain
Open loop
60
80
dB
ICOMP
2
Source Current (V1 <Vref)VCOMP = 5V
0.14
0.2
mA
Sink Current
(V1 >Vref)
0.5
1
mA
MULTIPLIER SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VMULT
3
Operating Voltage
0 to 2.5 0 to 4.2
V
∆VCS
∆Vmult
Output Max. Slope
VMULT = from 0V to 1V
VCOMP =6V
0.9
1.25
1.6
K
Gain
VMULT =1V VCOMP = 5V
0.45
0.65
0.85
1/V
CURRENT SENSE COMPARATOR
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCS
4
Voltage Threshold
VMULT = 2.5V VCOMP = 6V
1.6
1.9
V
ICS
4
Input Bias Current
5
µA
td (H-L)
4
Delay to Output
200
400
ns
L6560 - L6560A
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com