Electronic Components Datasheet Search
  English  ▼

X  

CCF60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CCF60
Description  Metal Film Resistors, Industrial, ± 1 % Tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCF60 Datasheet(HTML) 2 Page - Vishay Siliconix

  CCF60 Datasheet HTML 1Page - Vishay Siliconix CCF60 Datasheet HTML 2Page - Vishay Siliconix CCF60 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CCF60
www.vishay.com
Vishay Dale
Revision: 29-Oct-12
2
Document Number: 31068
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
(1) Test methods per MIL-STD-202
GLOBAL
MODEL
AB
C
(Max.)
DE
CCF60
0.344 ± 0.031
(8.74 ± 0.79)
0.139 ± 0.009
(3.53 ± 0.23)
0.400
(10.16)
0.025 ± 0.002
(0.64 ± 0.05)
1.000 ± 0.040
(25.40 ± 1.02)
D
B
A
E
C
(Max.)
DERATING
0
20
40
60
80
100
120
- 65 - 50
25
0
25
50 70 75 100 125 150 165 175 200
AMBIENT TEMPERATURE IN °C
0
20
40
60
80
100
120
APPLIED POWER IN W
0
0.125
0.25
0.375
0.5
0.625
0.75 0.875
1
1.125
THERMAL RESISTANCE
RESISTANCE VALUES
Vishay Dale model CCF60 is available in the standard 96
resistance values per decade. Values are obtained from the
following decade table by multiplying by powers of 10. As an
example: 30.1 can represent 30.1
, 301 , 3.01 k, 30.1 k or
301 k
.
10.0
14.7
21.5
31.6
46.4
68.1
10.2
15.0
22.1
32.4
47.5
69.8
10.5
15.4
22.6
33.2
48.7
71.5
10.7
15.8
23.2
34.0
49.9
73.2
11.0
16.2
23.7
34.8
51.1
75.0
11.3
16.5
24.3
35.7
52.3
76.8
11.5
16.9
24.9
36.5
53.6
78.7
11.8
17.4
25.5
37.4
54.9
80.6
12.1
17.8
26.1
38.3
56.2
82.5
12.4
18.2
26.7
39.2
57.6
84.5
12.7
18.7
27.4
40.2
59.0
86.6
13.0
19.1
28.0
41.2
60.4
88.7
13.3
19.6
28.7
42.2
61.9
90.9
13.7
20.0
29.4
43.2
63.4
93.1
14.0
20.5
30.1
44.2
64.9
95.3
14.3
21.0
30.9
45.3
66.5
97.6
MARKING
Color code marking with 5 color bands
PERFORMANCE
POWER RATING AT + 70 °C
MAXIMUM
R
(TYPICAL TEST LOTS)
CCF60
1/2 W
3/4 W and 1 W
TEST (1)
Thermal Shock
± 0.5 %
-
Short Time Overload
± 0.5 %
-
Low Temperature Operation
± 0.5 %
-
Moisture Resistance
± 1.5 %
-
Resistance to Soldering Heat
± 0.5 %
-
Shock
± 0.5 %
-
Vibration
± 0.5 %
-
Life
± 0.5 %
± 1.0 %
Terminal Strength
± 0.2 %
-
Dielectric Withstanding
Voltage
± 0.5 %
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com