Electronic Components Datasheet Search
  English  ▼

X  

BBY56... Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BBY56...
Description  Silicon Tuning Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY56... Datasheet(HTML) 3 Page - Infineon Technologies AG

  BBY56... Datasheet HTML 1Page - Infineon Technologies AG BBY56... Datasheet HTML 2Page - Infineon Technologies AG BBY56... Datasheet HTML 3Page - Infineon Technologies AG BBY56... Datasheet HTML 4Page - Infineon Technologies AG BBY56... Datasheet HTML 5Page - Infineon Technologies AG BBY56... Datasheet HTML 6Page - Infineon Technologies AG BBY56... Datasheet HTML 7Page - Infineon Technologies AG BBY56... Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2014-02-11
3
BBY56...
Diode capacitance CT = ƒ (VR)
f
= 1MHz
0
1
2
3
V
5
VR
0
10
20
30
40
50
60
70
80
pF
100
Temperature coefficient of the diode
capacitance TCc = ƒ (VR)
f
= 1 MHz
0
1
2
3
4
V
6
VR
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0.0008
0.0009
0.001
1/K
0.0012
Reverse current IR = ƒ(VR)
TA = Parameter
1
2
3
V
5
VR
-13
10
-12
10
-11
10
-10
10
-9
10
A
25 °C
60 °C
85 °C
125 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com