Electronic Components Datasheet Search
  English  ▼

X  

1982900000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1982900000
Description  BLF 5.08HC/03/270F SN OR BX
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1982900000 Datasheet(HTML) 1 Page - Weidmuller

  1982900000 Datasheet HTML 1Page - Weidmuller 1982900000 Datasheet HTML 2Page - Weidmuller 1982900000 Datasheet HTML 3Page - Weidmuller 1982900000 Datasheet HTML 4Page - Weidmuller 1982900000 Datasheet HTML 5Page - Weidmuller 1982900000 Datasheet HTML 6Page - Weidmuller 1982900000 Datasheet HTML 7Page - Weidmuller 1982900000 Datasheet HTML 8Page - Weidmuller 1982900000 Datasheet HTML 9Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data sheet
BLF 5.08HC/03/270F SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Just as reliable as the millionfold proven original and fea-
turing innovative details:
The BLF 5.08HC PUSH IN version of the BLZP 5.08HC
female connector is not only different in terms of connec-
tion system; it also has a more compact design. Weid-
müller's innovative PUSH IN spring connection system
stands for the future of easy and tool-free wire connec-
tion. HC = High Current.
In terms of versatility, the BLF 5.08HC offers just as much
as the version which served as a model:
• 3 tested-and-proven wire outlet directions provide the
usual flexibility for application-specific design
• 4 flange variations and the patented release latch allow
the locking concept to be based on the requirements of
the user
• Use the BLF 5.08HC and SL 5.08HC plug combination
to reach the max. rated specifications
General ordering data
 
Version
PCB plug-in connector, female plug, 5.08 mm,
Number of poles: 3, 270°, PUSH IN with actuator,
Clamping range, max. : 3.31 mm², Box
Order No.
1982900000
Type
BLF 5.08HC/03/270F SN OR BX
GTIN (EAN)
4032248686995
Qty.
72 items
Product data
IEC: 400 V / 24 A / 0.2 - 2.5 mm²
UL: 300 V / 18.5 A / AWG 26 - AWG 12
Packaging
Box
 
 
Creation date 30.11.2025 05:37:36 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1982900000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1982910000 WEIDMULLER-1982910000 Datasheet
675Kb / 9P
BLF 5.08HC/04/270F SN OR BX
1982920000 WEIDMULLER-1982920000 Datasheet
676Kb / 9P
BLF 5.08HC/05/270F SN OR BX
1982930000 WEIDMULLER-1982930000 Datasheet
678Kb / 9P
BLF 5.08HC/06/270F SN OR BX
1982940000 WEIDMULLER-1982940000 Datasheet
639Kb / 9P
BLF 5.08HC/07/270F SN OR BX
1982950000 WEIDMULLER-1982950000 Datasheet
665Kb / 9P
BLF 5.08HC/08/270F SN OR BX
More results

Similar Description - 1982900000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013690000 WEIDMULLER-1013690000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN OR BX
1017870000 WEIDMULLER-1017870000 Datasheet
75Kb / 4P
BLF 5.00/03/180 SN OR BX
1982120000 WEIDMULLER-1982120000 Datasheet
73Kb / 3P
BLF 5.08/02/270F SN BK BX
1982130000 WEIDMULLER-1982130000 Datasheet
73Kb / 3P
BLF 5.08/03/270F SN BK BX
1982140000 WEIDMULLER-1982140000 Datasheet
73Kb / 3P
BLF 5.08/04/270F SN BK BX
1982160000 WEIDMULLER-1982160000 Datasheet
73Kb / 3P
BLF 5.08/06/270F SN BK BX
1982180000 WEIDMULLER-1982180000 Datasheet
73Kb / 3P
BLF 5.08/08/270F SN BK BX
1982200000 WEIDMULLER-1982200000 Datasheet
73Kb / 3P
BLF 5.08/10/270F SN BK BX
1982220000 WEIDMULLER-1982220000 Datasheet
73Kb / 3P
BLF 5.08/12/270F SN BK BX
1982260000 WEIDMULLER-1982260000 Datasheet
73Kb / 3P
BLF 5.08/16/270F SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com