Electronic Components Datasheet Search
  English  ▼

X  

HSC10065F Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSC10065F
Description  Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSC10065F Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSC10065F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC10065F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC10065F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC10065F Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 2 of 4
Electrical Characteristics (TJ= 25℃ unless otherwise specified)
Symbol Parameter
Typ. Max. Unit Test Conditions
Note
VF
Forward Voltage
1.27
1.38
1.5
1.6
V
IF = 10A, TJ = 25℃
IF = 10A, TJ = 175℃
IR
Reverse Current
6
25
50
200
µA
VR = 650V, TJ = 25℃
VR = 650V, TJ = 175℃
C
Total Capacitance
640
66
48
/
pF
VR = 0.1V, TJ = 25℃, f = 1MHz
VR = 200V, TJ = 25℃, f = 1MHz
VR = 400V, TJ = 25℃, f = 1MHz
QC
Total Capacitive
Charge
25
/
nC
VR =400V,IF=8A
Thermal Characteristics (TJ= 25℃ unless otherwise specified)
Symbol
Parameter
Typ.
Unit
Note
RθJC
Thermal Resistance from Junction-Case
4.25
℃
/ W
RθJA
Thermal Resistance from Junction-Ambient
80
℃
/ W
Tsold
Soldering Temperature
260
℃
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com