Electronic Components Datasheet Search
  English  ▼

X  

701 Datasheet(PDF) 1 Page - Wiha Tools

Part # 701
Description  Wiha Tamper Resistant TORX® Insert Bits and Power Bits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

701 Datasheet(HTML) 1 Page - Wiha Tools

  701 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
192
Tamper Resistant Torx® Insert Bit
Packs, 1
” CVM S2 modified tool steel.
Item
No.
Size
mm
lbs.
2 Bit Pack
701 50
T7s
25
.03
701 51
T8s
25
.03
701 52
T9s
25
.03
701 53
T10s
25
.03
701 54
T15s
25
.03
701 55
T20s
25
.03
701 56
T25s
25
.03
701 57
T27s
25
.03
701 58
T30s
25
.03
701 59
T40s
25
.03
701
716
Security Insert Bits,
1/4” Hex, 1” OAL
Item
No.
Size
mm
pkg. lbs.
716 48
IPR8
25
1
.11
716 50
IPR10
25
1
.11
716 52
IPR15
25
1
.11
716 54
IPR20
25
1
.12
716 56
IPR25
25
1
.13
716 57
IPR27
25
1
.13
716 58
IPR30
25
1
.14
716 60
IPR40
25
1
.14
Wiha Tamper Resistant
Insert Bits and Power Bits
Wiha Tamper Resistant
Insert Bit
IPR - 5 point Security TorxPlus bits are available for
special order to authorized OEM’s and their certified
service agents.
You must submit a written
certification/documentation
to
purchase
this
product.
Call our customer service department:
(800) 494-6104 for information.
Power Bits, Tamper Resistant.
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size
mm
pkg.
lbs.
705 07
T7s
50
10
.18
705 08
T8s
50
10
.18
705 09
T9s
50
10
.18
705 10
T10s
50
10
.19
705 15
T15s
50
10
.19
705 20
T20s
50
10
.21
705 25
T25s
50
10
.23
705 27
T27s
50
10
.23
705 30
T30s
50
10
.23
705 40
T40s
50
10
.23
705 45
T45s
50
10
.33
705 50
T50s
50
10
.37
705 55
T55s
50
10
.37
Bits, Tamper Resistant, 1/4”
Item
No.
Size
mm
pkg.
lbs.
701 27
T7s
25
10
.12
701 28
T8s
25
10
.12
701 29
T9s
25
10
.12
701 35
T10s 25
10
.12
701 39
T15s 25
10
.12
701 42
T20s 25
10
.12
701 48
T25s 25
10
.12
701 60
T27s 25
10
.13
701 63
T30s 25
10
.13
701 68
T40s 25
10
.14
701 TR
Bits, Tamper Resistant, 5/16”
Item
No.
Size
mm
pkg.
lbs.
725 42
T40s
35
10
.28
725 47
T45s
35
10
.32
725 52
T50s
35
10
.34
725 57
T55s
35
10
.52
725 TR
Bits, Tamper Resistant,
5/16” 2 Bit Pack
Item
No.
Size
mm
lbs.
2 Bit Pack
725 62
T40s
35
.28
725 63
T45s
35
.29
725 64
T50s
35
.30
725 67
T55s
35
.32
725 TR
705
Security
Torx®
Security
TorxPlus®
TorxPlus®
Torx®
Ball End
Torx®
Torx® Profiles
5/16”
Tamper Resistant
Power Bit Packs, 2
”
Item
No.
Size
mm
lbs.
2 Bit Pack
705 56
T7s
50
.07
705 57
T8s
50
.07
705 58
T9s
50
.07
705 59
T10s 50
.07
705 60
T15s 50
.07
705 61
T20s 50
.07
705 62
T25s 50
.07
705 63
T27s 50
.07
705 64
T30s 50
.07
705 65
T40s 50
.07
705 66
T45s 50
.07
705 67
T50s 50
.07
705 68
T55s 50
.07
705
Tamper
Resistant
Torx®
Made in Germany -
Production Quality
High resistant
to wear and
tear for a
long tool life
Suitable for all applications
Hardness HRC 59-61
Suitable for both manual and
machine applications
Impact resistant modified
CVM tool steel, hardened
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701 ETC2-701 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Curtis Instruments, Inc...
701 CURTIS-701 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
logo
Keystone Electronics Co...
701 KEYSTONE-701 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
List of Unclassifed Man...
701-04-16 ETC2-701-04-16 Datasheet
388Kb / 5P
Digital Codes Available: Incremental: A/B or Quadrature Absolute: Binary or Gray
701-06-24 ETC2-701-06-24 Datasheet
388Kb / 5P
Digital Codes Available: Incremental: A/B or Quadrature Absolute: Binary or Gray
More results

Similar Description - 701

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71578 ETC2-71578 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
71404 ETC2-71404 Datasheet
452Kb / 2P
Phillips Bits
logo
Qualtek Electronics Cor...
739W-X2-45 QUALTEK-739W-X2-45 Datasheet
417Kb / 1P
TAMPER RESISTANT AC RECEPTACLE
739W-X2-45-WH1 QUALTEK-739W-X2-45-WH1 Datasheet
418Kb / 1P
TAMPER RESISTANT AC RECEPTACLE
logo
List of Unclassifed Man...
32500 ETC-32500 Datasheet
163Kb / 1P
Multi-Bit Screwdriver / Nut Driver, 11-in-1, Ph, Sl, Sq, Torx Bits
logo
Linx Technologies
ANT-2.4-WRT-MON LINX-ANT-2.4-WRT-MON Datasheet
462Kb / 2P
Tamper resistant
2/16/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com