Electronic Components Datasheet Search
  English  ▼

X  

WINCS02IC Datasheet(PDF) 58 Page - Microchip Technology

Part # WINCS02IC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02IC Datasheet(HTML) 58 Page - Microchip Technology

Back Button WINCS02IC Datasheet HTML 54Page - Microchip Technology WINCS02IC Datasheet HTML 55Page - Microchip Technology WINCS02IC Datasheet HTML 56Page - Microchip Technology WINCS02IC Datasheet HTML 57Page - Microchip Technology WINCS02IC Datasheet HTML 58Page - Microchip Technology WINCS02IC Datasheet HTML 59Page - Microchip Technology WINCS02IC Datasheet HTML 60Page - Microchip Technology WINCS02IC Datasheet HTML 61Page - Microchip Technology WINCS02IC Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
WINCS02IC and WINCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 58
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
28-Lead PCB Module (TEC) - 14.73x21.72x2.1 mm Body [MODULE]
With Metal Shield and Coaxial Connector
© 2024 Microchip Technology Inc.
Sheet 1 of 2
Microchip Technology Drawing C04-21567 Rev C
SIDE VIEW
10
11
12
13
14
15
16
17
18
19
21 22 23 24 25 26 27 28
1
2
3
4
5
6
7
8
9
E
E2
E1
D
D1
1.64
METAL
SHIELD
COAXIAL
CONNECTOR
A2
A
A3
0.65
0.80
5.95
28X 0.60
28X 0.80
Ø2.7
O.D.
Ø1.7
I.D.
0.80
0.80
9X 0.90
1.30
9X
0.90
1.30
5.992
5.06
6.95
5.82
1.91
8.86
0.20
6.88
6.27
1.016
20
10
11
12
13
14
15
16
17
18
19
21 22 23 24 25 26 27 28
1
2
3
4
5
6
7
8
9
20
THERMAL
RELIEF
HOLES 10X
Ø 0.80 10X
A4
C
SEATING
PLANE
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73