Electronic Components Datasheet Search
  English  ▼

X  

WINCS02UC Datasheet(PDF) 69 Page - Microchip Technology

Part # WINCS02UC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02UC Datasheet(HTML) 69 Page - Microchip Technology

Back Button WINCS02UC Datasheet HTML 65Page - Microchip Technology WINCS02UC Datasheet HTML 66Page - Microchip Technology WINCS02UC Datasheet HTML 67Page - Microchip Technology WINCS02UC Datasheet HTML 68Page - Microchip Technology WINCS02UC Datasheet HTML 69Page - Microchip Technology WINCS02UC Datasheet HTML 70Page - Microchip Technology WINCS02UC Datasheet HTML 71Page - Microchip Technology WINCS02UC Datasheet HTML 72Page - Microchip Technology WINCS02UC Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 69
5.7.1
Labeling Requirements for Module and User’s Requirements
The label on the final product that contains the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE
Module must follow UKCA marking requirements.
The UKCA mark above is printed on the module itself or on the packing label.
Additional details for the label requirement are available at:
https://www.gov.uk/guidance/using-the-ukca-marking#check-whether-you-need-to-use-the-new-
ukca-marking.
5.7.2
UKCA Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type the WINCS02PC/
WINCS02PE/WINCS02UC/WINCS02UE Modules are in compliance with the Radio Equipment
Regulations 2017. The full text of the UKCA declaration of conformity for this product is available
(under Documents > Certifications) at: www.microchip.com/en-us/product/WINCS02.
5.7.3
Approved Antennas
The testing of the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Module was performed with
the antennas listed in WINCS02 Module Approved External Antenna.
5.7.4
Helpful Websites
For more information on the UKCA regulatory approvals, refer to the www.gov.uk/guidance/placing-
manufactured-goods-on-the-market-in-great-britain.
5.8
Other Regulatory Information
• For information about other countries' jurisdictions not covered here, refer to the
www.microchip.com/design-centers/wireless-connectivity/certifications.
• Should other regulatory jurisdiction certification be required by the customer, or the customer
needs to recertify the module for other reasons, contact Microchip for the required utilities and
documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73