Electronic Components Datasheet Search
  English  ▼

X  

12AT7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12AT7
Description  R.F. Double Triode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12AT7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12AT7 Datasheet HTML 1Page - List of Unclassifed Manufacturers 12AT7 Datasheet HTML 2Page - List of Unclassifed Manufacturers 12AT7 Datasheet HTML 3Page - List of Unclassifed Manufacturers 12AT7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
"Ei-RC" - Electronic tubes factory
Data Sheet
ECC81/12AT7
Page 1 of 4
Telephone:
+381 18 550 741
ECC81 is R.F. Double Triode
Quick reference data
•
Anode current Ia=10mA
•
Transcoductance S=5,5mA/V
•
Amplification µ=60
Heating
Heating is indirect by AC od DC, with serial or parallel supply. Please note that, in case of
serial supply, a current limiting device must be inserted in the heater circuit for limiting the
current when switching on.
Heater voltage
Vf
6,3
12
(V)
Heater current
If
300
150
(mA)
pins
9-(4+5)
4-5
FAX:
+381 18 550 806
Postal address:
Bul. Sv. Cara Konstantina 80-86, 18000 Nis, Yugoslavia
Electronic mail:
eirc@eierc.com
Web site:
http://www.eierc.com/rc/default.htm


Similar Part No. - 12AT7

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
12AT7WA RAYTHEON-12AT7WA Datasheet
854Kb / 10P
RELIABLE MINIATURE DOUBLE TRIODE
More results

Similar Description - 12AT7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6H8C ETC-6H8C Datasheet
100Kb / 3P
DOUBLE TRIODE
15EA7 ETC2-15EA7 Datasheet
96Kb / 2P
DOUBLE-TRIODE
5814 ETC2-5814 Datasheet
235Kb / 3P
DOUBLE TRIODE
logo
NXP Semiconductors
PC97 PHILIPS-PC97 Datasheet
275Kb / 8P
TRIODE FOR USE AS R.F. AMPLIFIER
3.3.1962
logo
List of Unclassifed Man...
6C5G ETC2-6C5G Datasheet
67Kb / 1P
GENERAL PURPOSE TRIODE, R.F. PENTODE, VARI-MU R.F. PENTODE
12AU6 ETC2-12AU6 Datasheet
96Kb / 2P
HIGH SLOPE R.F. PENTODE, MINIAURE DOUBLE TRIODE
6H1N ETC2-6H1N Datasheet
136Kb / 4P
DOUBLE TRIODE
logo
JJ Electronic
6SL7 JJ-6SL7 Datasheet
482Kb / 2P
Double triode
logo
NXP Semiconductors
EC92 PHILIPS-EC92 Datasheet
47Kb / 3P
R.F. TRIODE
ECC85 PHILIPS-ECC85 Datasheet
238Kb / 7P
R.F. DOUBLE TRIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com