Electronic Components Datasheet Search
  English  ▼

X  

DS3502 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3502
Description  High-Voltage, NV, I2C POT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3502 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3502 Datasheet HTML 1Page - Maxim Integrated Products DS3502 Datasheet HTML 2Page - Maxim Integrated Products DS3502 Datasheet HTML 3Page - Maxim Integrated Products DS3502 Datasheet HTML 4Page - Maxim Integrated Products DS3502 Datasheet HTML 5Page - Maxim Integrated Products DS3502 Datasheet HTML 6Page - Maxim Integrated Products DS3502 Datasheet HTML 7Page - Maxim Integrated Products DS3502 Datasheet HTML 8Page - Maxim Integrated Products DS3502 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High-Voltage, NV, I2C POT
_______________________________________________________________________________________
3
VOLTAGE-DIVIDER CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Nonlinearity
INL
(Note 6)
-1
+1
LSB
Differential Nonlinearity
DNL
(Note 7)
-0.5
+0.5
LSB
Zero-Scale Error
ZSERROR
V+ = 4.5V (Note 8)
0
0.5
2
LSB
Full-Scale Error
FSERROR
V+ = 4.5V (Note 9)
-2
-1
0
LSB
Ratiometric Temp Coefficient
TCV
WR/IVR register set to 40h
±4
ppm/°C
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA = -40°C to +100°C, timing referenced to VIL(MAX) and VIH(MIN). See Figure 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 10)
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
μs
Hold Time (Repeated) START
Condition
tHD:STA
0.6
μs
Low Period of SCL
tLOW
1.3
μs
High Period of SCL
tHIGH
0.6
μs
Data Hold Time
tHD:DAT
0
0.9
μs
Data Setup Time
tSU:DAT
100
ns
START Setup Time
tSU:STA
0.6
μs
SDA and SCL Rise Time
tR
(Note 11)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 11)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
μs
SDA and SCL Capacitive
Loading
CB
(Note 11)
400
pF
EEPROM Write Time
tW
(Note 12)
10
20
ms
Pulse-Width Suppression Time at
SDA and SCL Inputs
tIN
(Note 13)
50
ns
A0, A1 Setup Time
tSU:A
Before START
0.6
μs
A0, A1 Hold Time
tHD:A
After STOP
0.6
μs
SDA and SCL Input Buffer
Hysteresis
0.05 x
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com