Electronic Components Datasheet Search
  English  ▼

X  

MAX7400ESA Datasheet(PDF) 10 Page - Analog Devices

Part # MAX7400ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7400ESA Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX7400ESA Datasheet HTML 4Page - Analog Devices MAX7400ESA Datasheet HTML 5Page - Analog Devices MAX7400ESA Datasheet HTML 6Page - Analog Devices MAX7400ESA Datasheet HTML 7Page - Analog Devices MAX7400ESA Datasheet HTML 8Page - Analog Devices MAX7400ESA Datasheet HTML 9Page - Analog Devices MAX7400ESA Datasheet HTML 10Page - Analog Devices MAX7400ESA Datasheet HTML 11Page - Analog Devices MAX7400ESA Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VDD
VSUPPLY
IN
CLK
GND
INPUT
OUTPUT
50k
50k
50k
OUT
0.1
µF
0.1
µF
0.1
µF
CLOCK
SHDN
COM
OS
MAX7400
MAX7403
MAX7404
MAX7407
Figure 4. Offset Adjustment Circuit
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
10
______________________________________________________________________________________
Clock Signal
External Clock
The MAX7400/MAX7403/MAX7404/MAX7407 SCFs
were designed for use with external clocks that have a
40% to 60% duty cycle. When using an external clock,
drive CLK with a CMOS gate powered from 0 to VDD.
Varying the rate of the external clock adjusts the filter
corner frequency:
fC = fCLK / 100
Internal Clock
When using the internal oscillator, the capacitance
(COSC) on the CLK pin determines the oscillator fre-
quency:
where K = 38 for the MAX7400/MAX7403, and K = 34
for the MAX7404/MAX7407. Since the capacitor value
is in picofarads, minimize the stray capacitance at CLK
so that it does not affect the internal oscillator frequen-
cy. Varying the rate of the internal oscillator adjusts the
filter’s corner frequency by a 100:1 clock-to-corner fre-
quency ratio. For example, an internal oscillator fre-
quency of 100kHz produces a nominal corner
frequency of 1kHz.
Input Impedance
vs. Clock Frequencies
The MAX7400/MAX7403/MAX7404/MAX7407’s input
impedance is effectively that of a switched-capacitor
resistor and is inversely proportional to frequency. The
input impedance determined by the following equation
represents the average input impedance, since the
input current is not continuous. As a rule, use a driver
with an output source impedance less than 10% of the
filter’s input impedance. Estimate the input impedance
of the filter using the following formula:
where fCLK = clock frequency and CIN = 0.85pF.
Low-Power Shutdown Mode
These devices feature a shutdown mode that is activat-
ed by driving SHDN low. Placing the filter in shutdown
mode reduces the supply current to 0.2µA (typ) and
places the output of the filter into a high-impedance
state. For normal operation, drive SHDN high or con-
nect to VDD.
Applications Information
Offset and Common-Mode
Input Adjustment
The voltage at COM sets the common-mode input volt-
age and is internally biased at midsupply by a resistor-
divider. Bypass COM with a 0.1µF capacitor and
connect OS to COM. For applications requiring offset
adjustment or DC level shifting, apply an external bias
voltage through a resistor-divider network to OS, as
shown in Figure 4. (Note: Do not leave OS unconnect-
ed.) The output voltage is represented by the following
equation:
VOUT = (VIN - VCOM) + VOS
Z
fC
IN
CLK
IN
()
(
)
Ω=
⋅
1
f
(kHz) =
K
10
C
OSC
3
OSC
⋅
; Cin pF
OSC
PASSBAND
STOPBAND
FREQUENCY
fC
fS
fS
fC
fS
fC
TRANSITION RATIO =
RIPPLE
Figure 3. Elliptic Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com