Electronic Components Datasheet Search
  English  ▼

X  

MAX7403 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX7403
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7403 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX7403 Datasheet HTML 4Page - Analog Devices MAX7403 Datasheet HTML 5Page - Analog Devices MAX7403 Datasheet HTML 6Page - Analog Devices MAX7403 Datasheet HTML 7Page - Analog Devices MAX7403 Datasheet HTML 8Page - Analog Devices MAX7403 Datasheet HTML 9Page - Analog Devices MAX7403 Datasheet HTML 10Page - Analog Devices MAX7403 Datasheet HTML 11Page - Analog Devices MAX7403 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
______________________________________________________________________________________
11
with VCOM = VDD / 2 (typical), and where (VIN - VCOM)
is lowpass filtered by the SCF, and VOS is added at the
output stage. See the
Electrical Characteristics for
COM and OS input voltage ranges. Changing the volt-
age on COM or OS significantly from midsupply
reduces the filter’s dynamic range.
Power Supplies
The MAX7400/MAX7403 operate from a single +5V
supply. The MAX7404/MAX7407 operate from a single
+3V supply. Bypass VDD to GND with a 0.1µF capaci-
tor. If dual supplies are required, connect COM to the
system ground and GND to the negative supply. Figure
5 shows an example of dual-supply operation. Single-
supply and dual-supply performance are equivalent.
For single-supply or dual-supply operation, drive CLK
and SHDN from GND (V- in dual-supply operation) to
VDD. For a ±2.5V supply, use the MAX7400 or MAX7403;
for a ±1.5V supply, use MAX7404 or MAX7407. For ±5V
dual-supply applications, use the MAX291–MAX297.
Input Signal Amplitude Range
The ideal input signal range is determined by observ-
ing the voltage level at which the total harmonic
distortion plus noise (THD+N) is minimized for a given
corner frequency. The
Typical Operating Character-
istics show THD+N response as the input signal’s
peak-to-peak amplitude is varied. These measurements
are made with OS and COM biased at midsupply.
Anti-Aliasing and Post-DAC Filtering
When using the MAX7400/MAX7403/MAX7404/
MAX7407 for anti-aliasing or post-DAC filtering, syn-
chronize the DAC and the filter clocks. If the clocks are
not synchronized, beat frequencies may alias into the
passband.
The high clock-to-corner frequency ratio (100:1) also
eases the requirements of pre- and post-SCF filtering.
At the input, a lowpass filter prevents the aliasing of fre-
quencies around the clock frequency into the pass-
band. At the output, a lowpass filter attenuates the
clock feedthrough.
A high clock-to-corner frequency ratio allows a simple
RC lowpass filter, with the cutoff frequency set above
the SCF corner frequency, to provide input anti-aliasing
and reasonable output clock attenuation.
Harmonic Distortion
Harmonic distortion arises from nonlinearities within the
filter. Such nonlinearities generate harmonics when a
pure sine wave is applied to the filter input. Table 1 lists
typical harmonic distortion values with a 10k
Ω load and
an input signal of 4Vp-p (MAX7400/MAX7403) or 2Vp-p
(MAX7404/MAX7407), at TA = +25°C.
VDD
V+
V-
IN
CLK
GND
INPUT
OUTPUT
OUT
0.1
µF
CLOCK
*DRIVE SHDN TO V- FOR LOW-POWER SHUTDOWN MODE.
SHDN
COM
OS
0.1
µF
MAX7400
MAX7403
MAX7404
MAX7407
*
V+
V-
Figure 5. Dual-Supply Operation
2nd
-88
100
TYPICAL
HARMONIC
DISTORTION (dB)
1
fC
(kHz)
-89
100
200
1
-84
fIN
(Hz)
200
4th
3rd
5th
-89
500
MAX7400
5
1000
-86
-89
-82
-88
-93
-77
500
MAX7403
5
1000
-87
-91
FILTER
-81
-91
-90
-80
4
VIN
(Vp-p)
4
fCLK
(kHz)
-85
100
1
200
-85
500
MAX7404
5
1000
-86
-85
-82
-84
-86
-81
2
-85
100
1
200
-86
500
MAX7407
5
1000
-86
-85
-82
-86
-85
-84
2
Table 1. Typical Harmonic Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com