Electronic Components Datasheet Search
  English  ▼

X  

056.26 Datasheet(PDF) 4 Page - Finder Relays, Inc.

Part # 056.26
Description  Miniature power relays 12 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

056.26 Datasheet(HTML) 4 Page - Finder Relays, Inc.

  056.26 Datasheet HTML 1Page - Finder Relays, Inc. 056.26 Datasheet HTML 2Page - Finder Relays, Inc. 056.26 Datasheet HTML 3Page - Finder Relays, Inc. 056.26 Datasheet HTML 4Page - Finder Relays, Inc. 056.26 Datasheet HTML 5Page - Finder Relays, Inc. 056.26 Datasheet HTML 6Page - Finder Relays, Inc. 056.26 Datasheet HTML 7Page - Finder Relays, Inc. 056.26 Datasheet HTML 8Page - Finder Relays, Inc. 056.26 Datasheet HTML 9Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
A
56 SERIES
Miniature power relays 12 A
56
SERIES
Technical data
* Only in applications where over voltage category II is permitted. In applications of over voltage category III: Micro-disconnection.
Insulation according to EN 61810-1
2 CO - 4 CO
2 NO
Nominal voltage of supply system
V AC 230/400
230/400
Rated insulation voltage
V AC 250
400
250
400
Pollution degree
3
2
3
2
Insulation between coil and contact set
Type of Insulation
Basic
Basic
Overvoltage category
III
III
Rated impulse voltage
kV (1.2/50 μs) 4
4
Dielectric strength
V AC 2500
2500
Insulation between adjacent contacts
Type of insulation
Basic
Basic
Overvoltage category
III
III
Rated impulse voltage
kV (1.2/50 μs) 4
4
Dielectric strength
V AC 2500
2500
Insulation between open contacts
Type of disconnection
Micro-disconnection
Full-disconnection*
Overvoltage category
—
II
Rated impulse voltage
kV (1.2/50 μs) —
2.5
Dielectric strength
V AC/kV (1.2/50 μs) 1000/1.5
2000/3
Conducted disturbance immunity
Burst (5…50)ns, 5 kHz, on A1 - A2
EN 61000-4-4
level 4 (4 kV)
Surge (1.2/50 μs) on A1 - A2 (differential mode)
EN 61000-4-5
level 4 (4 kV)
Other data
Bounce time: NO/NC
ms 1/4 (changeover)
3/— (normally open)
Vibration resistance (5…55)Hz: NO/NC
g 17/14
Shock resistance
g 20/14
Power lost to the environment
without contact current
W 1 (56.32, 56.42)
1.3 (56.34, 56.44)
with rated current
W 3.8 (56.32, 56.42)
6.9 (56.34, 56.44)
Recommended distance between relays mounted on PCB
mm ≥ 5
Contact specification
F 56 - Electrical life (AC) v contact current
2 - 4 pole relays
Resistive load - cosφ = 1
Inductive load - cosφ = 0.4
H 56 - Maximum DC1 breaking capacity
Changeover version
H 56 - Maximum DC1 breaking capacity
Normally open version
contacts in series
DC voltage (V)
contacts in series
DC voltage (V)
• When switching a resistive load (DC1) having voltage and current values under the curve, an electrical life of ≥ 100 · 103 can be expected.
• In the case of DC13 loads, the connection of a diode in parallel with the load will permit a similar electrical life as for a DC1 load.
Note: the release time of the load will be increased.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com