Electronic Components Datasheet Search
  English  ▼

X  

DF005M Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # DF005M
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DF005M Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DF005M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DF005M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005M---DF10M
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Lead Pb/Sn copper
The plastic material has UL flammability classification
94V-0
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.02 ounces, 0.38 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient mounted on P.C.B
with 0.5x0.5"(13x13mm) copper pads.
DF10M
DF08M
DF06M
DF04M
DF02M
DF005M DF01M
UNIT
CHARACTERISTICS
SYMBOL
1000
700
1000
800
560
800
600
420
600
400
280
400
200
140
200
50
35
50
100
70
100
VRMS
VDC
VRRM
I(AV)
IFSM
VF
@TA
=40 C
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
1.0
50
1.1
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 2)
R0JA
40
C/W
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125 C
@TJ =25 C
10
500
uA
V
A
A
V
V
V
10.4
A S
2
I t
2
I t Rating for fusing (t < 8.3ms)
2
CJ
25
pF
Typical Junction
Capacitance per element (Note 1)
DF
All Dimensions in millimeter
DF
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
8.20
8.50
6.50
6.20
7.60
8.90
7.60
7.40
2.40
2.60
5.00
5.20
4.10
4.60
0.41
1.70
J
I
0.51
1.50
0.30
0.22
A
C
D
E
F
G
H
B
I
J
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
www.galaxycn.com
BL GALAXY ELECTRICAL
Document Number 0287084
1
BLGALAXYELECTRIC
AL


Similar Part No. - DF005M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF005M DIODES-DF005M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Fuji Electric
DF005M FUJI-DF005M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
General Semiconductor
DF005M GE-DF005M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
Single-Phase Bridge Rectifiers
More results

Similar Description - DF005M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com