Electronic Components Datasheet Search
  English  ▼

X  

HV9989 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV9989
Description  Three-Channel CCM/DCM Boost LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9989 Datasheet(HTML) 1 Page - Microchip Technology

  HV9989 Datasheet HTML 1Page - Microchip Technology HV9989 Datasheet HTML 2Page - Microchip Technology HV9989 Datasheet HTML 3Page - Microchip Technology HV9989 Datasheet HTML 4Page - Microchip Technology HV9989 Datasheet HTML 5Page - Microchip Technology HV9989 Datasheet HTML 6Page - Microchip Technology HV9989 Datasheet HTML 7Page - Microchip Technology HV9989 Datasheet HTML 8Page - Microchip Technology HV9989 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-2026 Microchip Technology Inc. and its subsidiaries
DS20005296C-page 1
HV9989
Features
• Three out-of-phase constant-current boost
converters
• Current loop closed, with sub-microsecond PWM-
dimming pulses, supports PWM dimming >20 kHz
• Internal 40V linear regulator
• External clock input
• External individual reference inputs
• Individual PWM dimming inputs
• Programmable slope compensation
• +0.2A/-0.4A gate drivers
• Independent short circuit protection with hiccup
for each channel
• Latching output open-circuit protection
Applications
• LCD panel back-lighting
Description
HV9989 is a three-channel peak current mode PWM
controller designed to drive single switch converters in
a constant-output current mode. It can be used for driv-
ing either RGB LEDs or multiple channels of white
LEDs.
HV9989 features a proprietary PWM-dimming control
algorithm that achieves a dimming pulse of a few hun-
dred nanoseconds from a Continuous-Conduction
Mode (CCM) or Discontinuous-Conduction Mode
(DCM) boost converter, while maintaining the instanta-
neous LED constant current determined by the external
reference voltage input. This feature permits a dimming
frequency outside of the audible range, and can also
yield a wide dimming ratio in excess of 10,000:1 at low
dimming frequency. Each of the three channels fea-
tures individual PWM-dimming and reference voltage
inputs.
The switching frequencies of the three converters are
controlled by an external clock signal, such that the
channels operate at a switching frequency of 1/12th the
external clock frequency, and are positioned 120° out-
of-phase to reduce the input current ripple.
HV9989 provides a full protection feature set, including
output-short and open-circuit protection, for each indi-
vidual channel that is independent from the other chan-
nels.
HV9989 is powered by a built-in 40V linear regulator.
Three-Channel CCM/DCM Boost LED Driver
with Sub-Microsecond PWM Dimming
Obsolete Device


Similar Part No. - HV9989

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
HV9989K6-G MICROCHIP-HV9989K6-G Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
HV9989K6-G-M935 MICROCHIP-HV9989K6-G-M935 Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
More results

Similar Description - HV9989

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
CM9330 CALMIRCO-CM9330 Datasheet
263Kb / 10P
Asymmetrical High Efficiency Three Channel Boost LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Infineon Technologies A...
CCM-BOOST INFINEON-CCM-BOOST Datasheet
1Mb / 18P
CCM PFC Boost Converter Design
V1.0 January 2013
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
Dual channel LED Boost Driver
July, 2014
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com