Electronic Components Datasheet Search
  English  ▼

X  

PL133-47 Datasheet(PDF) 1 Page - Microchip Technology

Part # PL133-47
Description  Low-Power DC to 160 MHz 1:4 Fanout Buffer IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-47 Datasheet(HTML) 1 Page - Microchip Technology

  PL133-47 Datasheet HTML 1Page - Microchip Technology PL133-47 Datasheet HTML 2Page - Microchip Technology PL133-47 Datasheet HTML 3Page - Microchip Technology PL133-47 Datasheet HTML 4Page - Microchip Technology PL133-47 Datasheet HTML 5Page - Microchip Technology PL133-47 Datasheet HTML 6Page - Microchip Technology PL133-47 Datasheet HTML 7Page - Microchip Technology PL133-47 Datasheet HTML 8Page - Microchip Technology PL133-47 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2026 Microchip Technology Inc. and its subsidiaries
DS20007034A-page 1
PL133-47
Features
• 1:4 LVCMOS Output Fanout Buffer from DC
to160 MHz
• Low Additive Phase Jitter of 60 fsRMS
• 8 mA Output Drive Strength
• Low Power Consumption for Portable
Applications
• Low Input-Output Delay
• Output-Output Skew <250 ps
• 2.5V to 3.3V, ±10% Operation
• 1.8V +10%/–5% Operation up to 67 MHz
• Operating Temperature Range: –40°C to +85°C
or 0°C to +70°C
• Available in 8-Lead SOIC Package
Applications
• Low Power Applications
General Description
The PL133-47 is an advanced fanout buffer designed
for high performance, low-power, small form factor
applications. The PL133-47 accepts a reference clock
input from DC to 160 MHz and provides four outputs of
the same frequency with ultra-low additive jitter.
The PL133-47 is available in a SOIC-8L package.
Functional Block Diagram
REF
CLK0
CLK1
CLK2
CLK3
Low-Power DC to 160 MHz 1:4 Fanout Buffer IC


Similar Part No. - PL133-47

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
logo
Micrel Semiconductor
PL133-47 MICREL-PL133-47 Datasheet
325Kb / 7P
Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
Rev 1/27/11
logo
Microchip Technology
PL133-47SC MICROCHIP-PL133-47SC Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
logo
Micrel Semiconductor
PL133-47SC MICREL-PL133-47SC Datasheet
325Kb / 7P
Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
Rev 1/27/11
logo
Microchip Technology
PL133-47SC-R MICROCHIP-PL133-47SC-R Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
More results

Similar Description - PL133-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
REV. C MAY 21, 2001
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com