Electronic Components Datasheet Search
  English  ▼

X  

HSC04065D Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSC04065D
Description  Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSC04065D Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSC04065D Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC04065D Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC04065D Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC04065D Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 1 of 4
HSC04065D
Silicon Carbide Schottky Diode
Features:
• Zero Reverse Recovery Current
• Zero Forward Recovery Voltage
• New Thin Wafer Technology
• Positive Temperature Coefficient on VF
• Temperature-independent Switching
• Excellent surge current capability
• 175°C Operating Junction Temperature
Applications:
• Switch Mode Power Supplies
• Power Factor Correction
• Motor drive, PV Inverter, Wind Power Station
Benefits:
• Replace Bipolar with Unipolar Device
• Reduction of Heat Sink Size
• Parallel Devices Without Thermal Runaway
• Essentially No Switching Losses
Ordering Information
Part Number
Package
Marking
Packing
Qty.
HSC04065D
T0-252
HSC04065D
Tape&reel
2500 PCS
Maximum Ratings(TJ= 25℃ unless otherwise specified)
Symbol Parameter
Valu
e
Unit
Test Conditions
Not
e
VRRM
Repetitive Peak Reverse Voltage
650
V
TC = 25℃
VRSM
Surge Peak Reverse Voltage
650
V
TC = 25℃
VR
DC Blocking Voltage
650
V
TC = 25℃
IF
Forward Current
13
8
4
A
TC ≤ 25℃
TC ≤ 135℃
TC ≤ 158℃
IFSM
Non-Repetitive Forward Surge
Current
32
A
TC = 25℃, tp = 8.3ms, Half Sine
Wave
Ptot
Power Dissipation
60
W
TC = 25℃
Fig.3
TJ,TST
G
Operating Junction and Storage
Temperature
-55
-175
℃
VRRM
IF ( TC≤158℃)
QC
650V
4A
11.5nc


Similar Part No. - HSC04065D

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HSC04065AC HUIXIN-HSC04065AC Datasheet
361Kb / 4P
Silicon Carbide Schottky Diode
HSC04065F HUIXIN-HSC04065F Datasheet
563Kb / 4P
Silicon Carbide Schottky Diode
More results

Similar Description - HSC04065D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com