Electronic Components Datasheet Search
  English  ▼

X  

40PRO Datasheet(PDF) 2 Page - Dataman Programmers

Part # 40PRO
Description  The Dataman 40Pro is a PC based universal 40-pin programmer with ISP capabilities and USB 2.0 connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATAMAN [Dataman Programmers]
Direct Link  https://uk.dataman.com/
Logo DATAMAN - Dataman Programmers

40PRO Datasheet(HTML) 2 Page - Dataman Programmers

  40PRO Datasheet HTML 1Page - Dataman Programmers 40PRO Datasheet HTML 2Page - Dataman Programmers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZIF Socket Pindriver
• 40-pin DIL ZIF (Zero Insertion Force) socket accepts both 300/600 mil devices
up to 40-pins
• Pindrivers: 40 TTL pindrivers, specialized GND/VCC/VPP pindriver
• FPGA based TTL driver provides H, L, CLK, pull-up, pull-down on all pindriver
pins; level H selectable from 1.8V up to 5V
• Continuity test: each pin is tested before every programming operation
ISP Connector
• 10-pin male type with miss insertion lock
• 5 TTL pindrivers, provides H, L, CLK, pull-up, pull-down; level H selectable
from 1.8V up to 5V to handle all (low-voltage including) devices
• 1x VCCP voltage (range 2V..7V/100mA) (*1) and 1x VPP voltage (range
2V..25V/50mA)
• Programmed chip voltage (VCCP) with both source/sink capability and
voltage sense
Software
User Interface
• Programmer is driven by an easy-to-use control program with pull-down
menus, hot keys and on-line help. Selecting of the device is performed by
class, manufacturer or simply by typing a fragment of vendor name and/or
part number
• Standard device-related commands (read, blank check, program, verify, erase)
are enhanced by some test functions (insertion test, signature-byte check),
and some special functions (autoincrement)
• All known data formats are supported. Automatic file format detection and
conversion during loading of file
• The rich-featured autoincrement function enables one to assign individual
serial numbers to each programmed device - or simply increments a serial
number. The function also enables one to read serial numbers or any
programmed device identification signatures from a file
• The software also provides extensive information about programmable
devices including detailed drawings of all available packages. The software
also provides explanations of chip labelling (prefixes and suffixes) for each of
the supported chips
• The software provides full information for ISP implementation: Description
of ISP connector pins for the currently selected chip, recommended target
design around in-circuit programmed chip and other necessary information
• Keeping your programmer software up to date can be a costly business
with some programmers. Dataman offers completely FREE software updates
whenever you need them. The latest software is always available from our
website
The Dataman 40Pro supports over 32,000 (April 2015) of the most popular
devices in use today - with future devices being added monthly.
Programmer (ZIF Socket)
• BI-PROM
• EPROM
• EEPROM
• EPLD
• CPAL
• GAL
• FLASH
• FPGA
• MACH
• MROM
• NVRAM
• PAL
• PEEL
• PLD
• MICROCONTROLLERS
Programmer (ISP Connector)
• Serial E(E)PROM
• MICROCONTROLLERS
Package Includes
•
Dataman 40Pro Universal ISP Programmer
Dimensions: 160 x 95 x 35mm (6.3 x 3.7 x 1.4inches)
Weight: 0.5Kg (1.1lbs)
• Switching Power Adapter
Operating voltage: 15-20V DC / max. 0.5A
Power consumption: max. 6W active / approx. 1.4W sleep
• Moulded USB Cable
• ISP cable
• Diagnostic POD for self test of the programmer
• Anti-dust cover for ZIF socket
• User manual
• Software
• Optional range of adapters and socket converters also available
Warranty and Support
• 30 day money back guarantee* - If you don't like it, send it back
• Three year guarantee - Three years parts and labour warranty, on the 40Pro
universal device programmer
• Life-Time Technical Support - 40Pro technical support is available free via
our website and telephone helpdesk for life
• Life-Time Software Updates - 40Pro software updates are available free via
our website for life
*Applies to orders from UK/US offices only
www.dataman.com
Available from…
In the UK…
Dataman Programmers Ltd.
Unit 2 Newton Hall, Dorchester
Road, Maiden Newton, Dorset
DT2 0BD, UK
Tel (01300) 320719
Fax (01300) 321012
In the US…
Dataman Inc.
215 East Michigan Avenue
Orange City, Florida 32763 USA
Tel (386) 774-7785
Fax (386) 774-7796



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com