Electronic Components Datasheet Search
  English  ▼

X  

SC5022 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SC5022
Description  TRANSIENT VOLTAGE SU PPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SC5022 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SC5022 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SC5022 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6
0.8
1.0
1.2
0.1
0.2
0.6
0.4
1
2
4
10
20
40
100
200
TJ=25
Pulse Width=300us
200
1
10
100
     TJ=125
8.3ms Single Half
Sine-Wave
400
600
800
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0292017
2.
0
10
20
30
40
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm) Lead Length
50
200
175
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
RATINGSANDCHARACTERISTICCURVES
SC5022---SC5039
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- FORWARD DERATING CURVE
CASE TEMPERATURE,
NUMBER OF CYCLES AT 60Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com