Electronic Components Datasheet Search
  English  ▼

X  

8P2011-Z Datasheet(PDF) 2 Page - Nidec Motor Corporation.

Part # 8P2011-Z
Description  8 Series Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.

8P2011-Z Datasheet(HTML) 2 Page - Nidec Motor Corporation.

  8P2011-Z Datasheet HTML 1Page - Nidec Motor Corporation. 8P2011-Z Datasheet HTML 2Page - Nidec Motor Corporation. 8P2011-Z Datasheet HTML 3Page - Nidec Motor Corporation. 8P2011-Z Datasheet HTML 4Page - Nidec Motor Corporation. 8P2011-Z Datasheet HTML 5Page - Nidec Motor Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Number of poles
ON -
ON
ON - (ON)
Terminal style
Terminal style
Actuator
1
2
1
2
3
4
1
2
3
4
01
02
Fig.
Fig.
Fig.
PC/Straight
Solder
Standard
Splash proof
Mustang
Soft Touch
Snap-in
8   N   1  01   1   B - Z
Series code
Code
Code
Number of poles
Switching function
Switching function
B
C
N
P
Y
R
W
None
Plating
Bs+Ag or Cu+Ag
Bs=
Cu=
Ag=
Ni=
Au=
※1
Brass
Copper
Silver
Nickel
Gold
Ag
Ni+Au
Ni+Au
Bs+Ag or Cu+Ag
Bs or Cu
(※1)Contact plating and material
Contact material
Actuator shape
8 Series Pushbutton Switches Selection Table
Part No.
Name
Actuator shape
Number of poles Switching function
Terminal style
Page
8N
Standard Pushbutton
1.2.3.4
ON − ON
ON −(ON)
261
8P
Splash Proof Pushbutton
1.2
ON − ON
ON −(ON)
263
8Y
Mustang Pushbutton
1.2.3
ON − ON
ON −(ON)
265
8R-N
Soft Touch Pushbutton
1.2
ON − ON
ON −(ON)
267
8W-N
Snap-in Pushbutton
1.2
ON −(ON)
269
■Part Numbering
(ON):Momentary.
Note :Some combinations may not be available. Please check the "Table
of Part Numbers" for each series.
S/D
Solder
S/D
Solder
S/D
Solder
S/D
Solder
S/D
Solder
P/C
Straight
P/C
Straight
P/C
Straight



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com