Electronic Components Datasheet Search
  English  ▼

X  

AD22304 Datasheet(PDF) 3 Page - Analog Devices

Part # AD22304
Description  짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22304 Datasheet(HTML) 3 Page - Analog Devices

  AD22304 Datasheet HTML 1Page - Analog Devices AD22304 Datasheet HTML 2Page - Analog Devices AD22304 Datasheet HTML 3Page - Analog Devices AD22304 Datasheet HTML 4Page - Analog Devices AD22304 Datasheet HTML 5Page - Analog Devices AD22304 Datasheet HTML 6Page - Analog Devices AD22304 Datasheet HTML 7Page - Analog Devices AD22304 Datasheet HTML 8Page - Analog Devices AD22304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD22304
Rev. C | Page 3 of 12
SPECIFICATIONS
@TA = 25°C, AVCC = 4.75V to 5.25V, bandwidth = 80 Hz (COUT = 0.01 µF), angular rate = 0°/s, ±1g, unless otherwise noted.
Table 1.
AD22304
Parameter
Conditions
Min
1
Typ
Max
1
Unit
SENSITIVITY
Clockwise rotation is positive output
Dynamic Range
2
Full-scale range over specifications range
±80
°/s
Sensitivity
TA = -40°C to +85°C
11.25
12.5
13.75
mV/°/s
Over Temperature
3
Delta from 25°C
±10
%
Nonlinearity
Best fit straight line
0.1
% of FS
Voltage Sensitivity
AVCC = 4.75 V to 5.25 V
0.7
%/V
NULL
Initial Null
TA=25°C
2.00
2.50
3.00
V
Null Drift over Temperature
3
Delta from 25°C
±250
mV
Turn-On Time
Power on to ±½°/s of final
35
ms
Linear Acceleration Effect
Any axis
0.2
°/s/g
Voltage Sensitivity
AVCC = 4.75 V to 5.25 V
1
°/s/V
NOISE PERFORMANCE
Rate Noise Density
@25°C
0.05
°/s/√Hz
FREQUENCY RESPONSE
3 db Bandwidth
4 (User Selectable) 22 nF as comp cap (see the Applications section)
40
Hz
Sensor Resonant Frequency
14
kHz
SELF TEST
ST1 RATEOUT Response
5
ST1 pin from Logic 0 to 1, –40°C to +85°C
–400
–660
–1000
mV
ST2 RATEOUT Response
5
ST2 pin from Logic 0 to 1, –40°C to +85°C
+400
+660
+1000
mV
Logic 1 Input Voltage
Standard high logic level definition
3.3
V
Logic 0 Input Voltage
Standard low logic level definition
1.7
V
Input Impedance
To common
50
kΩ
TEMPERATURE SENSOR
VOUT at 298°K
2.50
V
Max Current Load on Pin
Source to common
50
µA
Scale Factor
Proportional to absolute temperature
8.4
mV/°K
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
2.5 V REFERENCE
Voltage Value
2.45
2.5
2.55
V
Load Drive to Ground
Source
200
µA
Load Regulation
0 < IOUT < 200 µA
5.0
mV/mA
Power Supply Rejection
4.75 VS to 5.25 VS
1.0
mV/V
Temperature Drift
3
Delta from 25°C
5.0
mV
POWER SUPPLY
Operating Voltage Range
4.75
5.00
5.25
V
Quiescent Supply Current
6.0
8.0
mA
TEMPERATURE RANGE
Specified Performance Grade A
–40
+85
°C
1 All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity
drift.
3 Specification refers to the maximum extent of this parameter as a worst-case value at TMIN or TMAX.
4 Frequency at which response is 3 dB down from dc response with specified compensation capacitor value. Internal pole forming resistor is 180 kΩ. See the
Setting Bandwidth section.
5 Self-test response varies with temperature. See the Self-Test Function section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com