Electronic Components Datasheet Search
  English  ▼

X  

A3161 Datasheet(PDF) 13 Page - Analog Devices

Part # A3161
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

A3161 Datasheet(HTML) 13 Page - Analog Devices

Back Button A3161 Datasheet HTML 8Page - Analog Devices A3161 Datasheet HTML 9Page - Analog Devices A3161 Datasheet HTML 10Page - Analog Devices A3161 Datasheet HTML 11Page - Analog Devices A3161 Datasheet HTML 12Page - Analog Devices A3161 Datasheet HTML 13Page - Analog Devices A3161 Datasheet HTML 14Page - Analog Devices A3161 Datasheet HTML 15Page - Analog Devices A3161 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sleep Mode Input (SLEEP)
The MAX9621 features an active-low SLEEP input. Pull
SLEEP
low for more than 40µs to put the device into
sleep mode for power saving. In sleep mode, the DOUT1
and DOUT2 outputs are high impedance and are pulled
high by pullup resistors. AOUT1 and AOUT2 are set to
zero-output current.
Hall Input Restart
When an input has been shut down due to a short to
ground, cycle SLEEP for 10µs to 20µs to restart the input.
If the other input is operational it is not affected. The
restart happens on the rising edge of SLEEP.
Input Current Thresholds and
Short to Ground
The input current high and low thresholds that determine
the logic level of the digital outputs are adjusted by chang-
ing the RSET value. When the RSET value changes, the
following parameters change as well: IIN_HYS, ISC, tBL,
tRAMP, tDEL, fMAX, and PR.
IIH, IIL, IIN_HYS, ISC, tRAMP, and fMAX are inversely pro-
portional to RSET and decrease as RSET increases. This
inverse relationship is linear. For example, a 10% change
in (1/RSET) results in a 10% change in current param-
eters. Conversely, time and delay parameters are linear
and directly proportional to RSET, and a 10% change in
RSET results in an 10% change in time parameters.
The difference between the maximum and minimum
threshold current limits is the min/max limit spread, which
is greater than the threshold hysteresis. The min/max
spread and the hysteresis both change by the same per-
centage as the mean of the threshold current limits. The
following equation is useful for finding the mean of the
threshold current limits given a value of RSET resistance:
(
)
0
1
II
I 0
Rm
=
+
<
×
I is the mean of the threshold current limits, R is the value
of the RSET resistance in kΩ, the constant I0 = 0.03717mA,
and the constant m = -0.001668 (1/(kΩ x mA)).
The following equation is useful for finding the value of RSET
resistance given a mean of the threshold current limits:
(
)
0
Y Y
m II 0
1
R
Y
=
+
×
<
=
Y0 = 6.2013 x 10-5 units of (1/kΩ)
To compute the typical input current thresholds from the
mean input current, it is necessary to obtain the hyster-
esis. The following equation finds the hysteresis given the
mean threshold current, I:
H = H0 + k x I (I < 0)
where H0 = -0.033463 in mA, and k = -0.08414 in mA/mA.
Input current threshold high = I - H/2, input current thresh-
old low = I + H/2.
Application Information
Use of Digital and Analog Outputs
The digital output can be used to provide the FP with an
interrupt signal that can represent a Hall sensor change
of status. DOUT1 and DOUT2 provide a time domain
output filter for robust noise immunity. See Figure 2.
The analog output can be connected to an ADC with an
appropriate load resistor, and can be used to perform
custom diagnostics.
Figure 4. Hall Input Reenergized When Open Input Is Reconnected to Hall Sensor
14V
VIN_
8V
5mA/µs
HALL INPUT RECONNECTED
TO HALL SENSOR
11.5mA
IIN_
0V
0A
TIME
TIME
VBAT - 500mV
VBAT - 25mV
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com