Electronic Components Datasheet Search
  English  ▼

X  

76RSC02 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 76RSC02
Description  Thru-Hole DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

76RSC02 Datasheet(HTML) 1 Page - Grayhill, Inc

  76RSC02 Datasheet HTML 1Page - Grayhill, Inc 76RSC02 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
.247 ± .010
(6,27 ± 0,25)
SERIES 76 and 78
SPDT
DIMENSIONS: Series 76 In inches (and millimeters)
Toggle-DIP
Series 76 Raised Rocker
Recessed Rocker
Circuitry
Positions
Length
Length
No./
Raised
Recessed
Toggle-
Inches
Metric
Tube
Type*
Rockers*
DIP*
SPDT
2
0.380"
9,7mm
27
76SC02
76RSC02
76STC02
Form
3
0.580"
14,7mm
18
76SC03
76RSC03
76STC03
C
4
0.780"
19,8mm
13
76SC04
76RSC04
76STC04
SPDT
1
0.280"
7,1mm
35
78J01
——
2
2
0.480"
12,2mm
21
78J02
——
Circuits
3
0.680"
17,3mm
15
78J03
——
4
0.880"
22,4mm
12
78J04
——
5
1.080"
27,4mm
9
78J05
——
6
1.280"
32.5mm
8
78J06
Series 78 Slide
DIMENSIONS: Series 78 In inches (and millimeters)
ORDERING INFORMATION
1
2
C1
C2
.380 ± .010
(9,65 ± 0,25)
.380 ± .010
(9,65 ± 0,25)
.020
± .002
(0,51
± 0,05)
TYP.
.090 ± .005
(2,29 ± 0,13)
TYP.
.100 ± .005
(2,54 ± 0,13)
TYP.
.447 ± .015
(11,35 ± 0,38)
TYP.
FEATURES
• Raised and Recessed Rocker,
and Toggle Actuated Styles
• SPDT with a Common Pole, or
SPDT with 2 Isolated Circuits
• Spring and Ball Contact
• Top Tape Seal Option for
Most Styles
*To order top seal versions, add "S" to the Grayhill part number. Not available on Toggle-DIP.
1
1
SPDT with Common
True Form C Switching
CIRCUITRY: Series 78
1
2
C1
1 C1
1 C1
C2
1
2
C1
C2
CIRCUITRY: Series 76
To create common poles, tie together 2
adjoining terminals on 1 (either) side of switch.
SPDT, 2 Circuits
(No Commons)
Dot on cover indicates active terminal when
slide is on that side of switch. Contact is made
with terminal on opposite side.
1
C
L
C
L
2
3
4
5
0.380 ± .005
(9,65 ± 0,13)
DIM. A
SEE CHART
.100 ± .002
(2,54 ± 0,05)
.020 ± .002 (0,51 ± 0,05) TYP.
.090 ± .005 (2,29 ± 0,13) TYP.
.100 ± .005 (2,54 ± 0,13) TYP.
C
L
C
L
.070 (1,78) REF.
A
.295 + .000 –.020
(7,49 –0,51)
.020
± .002
(0,51
± 0,05)
.156 + .015 –.010
(3,96 + 0,38 –0,25) TYP.
A = .245 + .000 –.020
(6,22 + 0,51)
.050 ± .005
(1,27 ± 0,13)
TYP.
.180 ± .010 (4,57 ± 0,25)
.012 ± .001 (0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
C
L
C
L
A
A = .247 ± .010
(6,27 ± 0,25)
.295 + .000 –.020
(7,49 –0,51)
.020 + .005 –.000
(0,51 + 0,13)
.050 ± .005
(1,27 ± 0,13)
.180 ± .010
(4,57 ± 0,25)
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
.156 + .015 –.010
(3,96 + 0,38 –0,25)
ADDITIONAL INFORMATION
For Specifications, see page B-16. For Options
and Accessories, see pages B-20 and
B-21.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
B-14


Similar Part No. - 76RSC02

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
76RSC02T GRAYHILL-76RSC02T Datasheet
140Kb / 2P
Raised and Recessed Rocker and Toggle Actuated Styles
76RSC02T GRAYHILL-76RSC02T Datasheet
228Kb / 2P
Raised and Recessed Rocker
More results

Similar Description - 76RSC02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
Thru-Hole DIP Switches
logo
Grayhill, Inc
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
Thru-Hole DIP Switches
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
Thru-Hole DIP Switches
90B02ST GRAYHILL-90B02ST Datasheet
341Kb / 2P
Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
Thru-Hole DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com