Electronic Components Datasheet Search
  English  ▼

X  

8167263 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8167263
Description  Pressure regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8167263 Datasheet(HTML) 1 Page - Festo Corporation.

  8167263 Datasheet HTML 1Page - Festo Corporation. 8167263 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure regulator
MS2-LR-QS6-D6-A8-F1A-B
Part number: 8167263
General operating condition
Data sheet
Feature
Value
Size
2
Series
MS
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Directly controlled diaphragm regulator
Controller function
Outlet pressure constant
With secondary exhausting
With return flow function
Symbol
00991559
Pressure gauge
G1/8 prepared
Operating pressure
0.1 MPa ... 0.8 MPa
Operating pressure
1 bar ... 8 bar
Pressure regulation range
0.5 bar ... 7 bar
Max. pressure hysteresis
0.025 MPa
Max. pressure hysteresis
0.25 bar
Max. pressure hysteresis
3.625 psi
Normal nominal flow rate (normalized to DIN 1343)
350 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Suitability for the production of Li-ion batteries
Suitable for battery production with reduced Cu/Zn/Ni values (F1a)
Cleanroom suitability, measured according to ISO 14644-14
Class 6 according to ISO 14644-1
Storage temperature
-5 °C ... 50 °C
Temperature of medium
-5 °C ... 50 °C
Ambient temperature
-5 °C ... 50 °C
Product weight
28.3 g
Type of mounting
With accessories
Pneumatic connection 1
QS-6
Pneumatic connection 2
QS-6
Note on materials
RoHS-compliant
Lower cover material
PA
Seals material
NBR
Rotary knob material
POM
2/2/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8167263

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8167260 FESTO-8167260 Datasheet
79Kb / 2P
Pressure regulator
8167261 FESTO-8167261 Datasheet
85Kb / 2P
Pressure regulator
8167262 FESTO-8167262 Datasheet
84Kb / 2P
Pressure regulator
More results

Similar Description - 8167263

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com