Electronic Components Datasheet Search
  English  ▼

X  

2207 Datasheet(PDF) 2 Page - VISATON GmbH & Co. KG

Part # 2207
Description  FRWS 4 ND - 8 Ohm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2207 Datasheet(HTML) 2 Page - VISATON GmbH & Co. KG

  2207 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2207 Datasheet HTML 2Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Breitband-Systeme / Fullrange Systems
01.10.2015
VISATON GmbH • Ohligser Straße 29-31 • D-42781 Haan • Tel.: 02129/552-0 • Fax 02129/552-10 • E-Mail: visaton@visaton.com
Nennbelastbarkeit
Rated power
2 W
Musikbelastbarkeit
Maximum power
3 W
Nennimpedanz Z
Nominal impedance Z
8 Ohm
Übertragungsbereich
Frequency response
150–20000 Hz
Mittlerer Schalldruckpegel
Mean sound pressure level
78 dB (1 W/1 m)
Gewicht netto
Net weight
0,028 kg
Technische Daten / Technical data
FRWS 4 ND - 8 Ohm
Art. No. 2207



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com