Electronic Components Datasheet Search
  English  ▼

X  

SP232A Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP232A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP232A Datasheet(HTML) 3 Page - Sipex Corporation

  SP232A_05 Datasheet HTML 1Page - Sipex Corporation SP232A_05 Datasheet HTML 2Page - Sipex Corporation SP232A_05 Datasheet HTML 3Page - Sipex Corporation SP232A_05 Datasheet HTML 4Page - Sipex Corporation SP232A_05 Datasheet HTML 5Page - Sipex Corporation SP232A_05 Datasheet HTML 6Page - Sipex Corporation SP232A_05 Datasheet HTML 7Page - Sipex Corporation SP232A_05 Datasheet HTML 8Page - Sipex Corporation SP232A_05 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
3
PERFORMANCE CURVES
-55
-40
0
25
70
85
125
Temperature (°C)
0
5
10
15
20
25
30
VCC = 6V
VCC = 5V
VCC = 4V
VCC = 3V
05
10
15
20
Load Current (mA)
0
6
8
10
12
2
4
VCC = 5V
VCC = 4V
VCC = 6V
25
30
35
40
0246
8
10
12
14
Load Current (mA)
-3
-4
-5
-6
-7
-8
-9
-10
-11
VCC = 6V
VCC = 5V
VCC = 4V
PINOUTS
4.5
4.75
5.0
5.25
5.5
VCC (Volts)
5.0
6.5
7.0
7.5
8.0
8.5
9.0
Load current = 0mA
TA = 25°C
5.5
6.0
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R2OUT
R2IN
T2OUT
Conn to 10
Conn to 11
Conn to 12
C1- DNC
C1+ DNC
Conn to 15
Conn to 16
T2IN
T1IN
R1OUT
R1IN
T1OUT
GND
VCC
V+ DNC
GND
Conn to 17
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-PIN SOIC
See Figure 2 for
Pin Connections
R OUT
R IN
T OUT
V-
C -
C +
V+
C -
V-
C +
2
1
2
T IN
T IN
R OUT
R IN
T OUT
GND
V
C +
GND
C -
1
2
2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
1
1
CC
1
2
2
2
2
20-PIN PLASTIC DIP
ON/OFF
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
NC
*
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
SHUTDOWN
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
EN
*
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
* N.C. for SP310E_A, EN for SP312E_A
Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com