Electronic Components Datasheet Search
  English  ▼

X  

MAX9718B Datasheet(PDF) 13 Page - Analog Devices

Part # MAX9718B
Description  Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9718B Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX9718B Datasheet HTML 9Page - Analog Devices MAX9718B Datasheet HTML 10Page - Analog Devices MAX9718B Datasheet HTML 11Page - Analog Devices MAX9718B Datasheet HTML 12Page - Analog Devices MAX9718B Datasheet HTML 13Page - Analog Devices MAX9718B Datasheet HTML 14Page - Analog Devices MAX9718B Datasheet HTML 15Page - Analog Devices MAX9718B Datasheet HTML 16Page - Analog Devices MAX9718B Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
______________________________________________________________________________________
13
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9718AEUB+
-40°C to +85°C 10 μMAX-EP*
+AAAA
MAX9718BEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+ADX
MAX9718BETB+T
-40°C to +85°C 10 TDFN-EP*
+AAW
MAX9718BEUB+
-40°C to +85°C 10 μMAX-EP*
+AAAB
MAX9718CEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+ADZ
MAX9718CETB+T
-40°C to +85°C 10 TDFN-EP*
+AAX
MAX9718CEUB+
-40°C to +85°C 10 μMAX-EP* +AAAC
MAX9718DEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+AEA
MAX9718DETB+T
-40°C to +85°C 10 TDFN-EP*
+AAY
MAX9718DEUB+
-40°C to +85°C 10 μMAX-EP* +AAAD
MAX9718EEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+AFB
MAX9718EETB+T
-40°C to +85°C 10 TDFN-EP*
+ASY
MAX9718EEUB+
-40°C to +85°C 10 μMAX-EP*
+AAAJ
MAX9718FEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+AFC
MAX9718FETB+T
-40°C to +85°C 10 TDFN-EP*
+ASZ
MAX9718FEUB+
-40°C to +85°C 10 μMAX-EP*
+AAAK
MAX9718GEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+AFD
MAX9718GETB+T
-40°C to +85°C 10 TDFN-EP*
+ATA
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9718GEUB+
-40°C to +85°C 10 μMAX-EP*
+AAAL
MAX9718HEBL+TG45 -40°C to +85°C 3 x 3 UCSP
+AFE
MAX9718HETB+T
-40°C to +85°C 10 TDFN-EP*
+ATB
MAX9718HEUB+
-40°C to +85°C 10 μMAX-EP* +AAAM
MAX9719AEBE+T
-40°C to +85°C 4 x 4 UCSP
—
MAX9719AETE+
-40°C to +85°C 16 TQFN-EP*—
MAX9719AEUE+
-40°C to +85°C 16 TSSOP-EP*—
MAX9719BEBE+TG45 -40°C to +85°C 4 x 4 UCSP
—
MAX9719BETE+
-40°C to +85°C 16 TQFN-EP*—
MAX9719BEUE+
-40°C to +85°C 16 TSSOP-EP*—
MAX9719CEBE+TG45 -40°C to +85°C 4 x 4 UCSP
—
MAX9719CETE+
-40°C to +85°C 16 TQFN-EP*—
MAX9719CEUE+
-40°C to +85°C 16 TSSOP-EP*—
MAX9719DEBE+TG45 -40°C to +85°C 4 x 4 UCSP
—
MAX9719DETE+
-40°C to +85°C 16 TQFN-EP*—
MAX9719DEUE+
-40°C to +85°C 16 TSSOP-EP*—
Ordering Information (continued)
Chip Information
MAX9718 TRANSISTOR COUNT: 2359
MAX9719 TRANSISTOR COUNT: 4447
PROCESS: BiCMOS
UCSP Marking Information
AAA
XXX
I: A1 Bump indicator
AAA: Product code
XXX: Lot code
+
Denotes lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
G45 indicates protective die coating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com