Electronic Components Datasheet Search
  English  ▼

X  

MAX9728B Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9728B
Description  60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9728B Datasheet(HTML) 2 Page - Analog Devices

  MAX9728B Datasheet HTML 1Page - Analog Devices MAX9728B Datasheet HTML 2Page - Analog Devices MAX9728B Datasheet HTML 3Page - Analog Devices MAX9728B Datasheet HTML 4Page - Analog Devices MAX9728B Datasheet HTML 5Page - Analog Devices MAX9728B Datasheet HTML 6Page - Analog Devices MAX9728B Datasheet HTML 7Page - Analog Devices MAX9728B Datasheet HTML 8Page - Analog Devices MAX9728B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
60mW, DirectDrive, Stereo Headphone
Amplifiers with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to PGND............................................................-0.3V to +6V
PVSS to SVSS .........................................................-0.3V to +0.3V
PGND to SGND .....................................................-0.3V to +0.3V
C1P to PGND..............................................-0.3V to (VDD + 0.3V)
C1N to PGND............................................(PVSS - 0.3V) to +0.3V
PVSS and SVSS to PGND..........................................-6V to +0.3V
IN_ to SGND (MAX9728A)..........................-0.3V to (VDD + 0.3V)
IN_ to SGND (MAX9728B) .............(SVSS - 0.3V) to (VDD + 0.3V)
OUT_ to SVSS (Note 1) ....-0.3V to Min (VDD - SVSS + 0.3V, +9V)
OUT_ to VDD (Note 2) ......+0.3V to Max (SVSS - VDD - 0.3V, -9V)
SHDN to _GND.........................................................-0.3V to +6V
OUT_ Short Circuit to SGND ......................................Continuous
Short Circuit between OUTL and OUTR ....................Continuous
Continuous Input Current into PVSS..................................260mA
Continuous Input Current (any other pin) .........................±20mA
Continuous Power Dissipation (TA = +70°C)
12-Pin TQFN (derate 14.7mW/°C above +70°C) .........1177mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ...........727mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 5V, PGND = SGND, SHDN = 5V, C1 = C2 = 1µF, RL =
∞, resistive load reference to ground; for MAX9728A gain = -1.5V/V
(RIN = 20k
Ω, RF = 30kΩ); for MAX9728B gain = -1.5V/V (internally set), TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
4.5
5.5
V
Quiescent Current
ICC
3.5
5.5
mA
Shutdown Current
ISHDN
SHDN = SGND = PGND
< 0.1
1
µA
Shutdown to Full Operation
tSON
180
µs
Input Impedance
RIN
MAX9728B, measured at IN_
15
19
25
k
Ω
Output Offset Voltage
VOS
±1.5
±10
mV
VDD = 4.5V to 5.5V
86
f = 1kHz, 100mVP-P
80
Power-Supply Rejection Ratio
PSRR
f = 20kHz, 100mVP-P
65
dB
RL = 32
Ω, THD+N = 1%
30
63
Output Power
POUT
RL = 16
Ω, THD+N = 1%
42
mW
Voltage Gain
AV
MAX9728B (Note 4)
-1.52
-1.5
-1.48
V/V
Channel-to-Channel Gain
Tracking
MAX9728B
±0.15
%
RL = 1k
Ω, VOUT = 2VRMS, fIN = 1kHz
0.003
RL = 32
Ω, POUT = 50mW, fIN = 1kHz
0.02
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 35mW, fIN = 1kHz
0.04
%
Note 1: OUTR and OUTL should be limited to no more than 9V above SVSS, or above VDD + 0.3V, whichever limits first.
Note 2: OUTR and OUTL should be limited to no more than 9V below VDD, or below SVSS - 0.3V, whichever limits first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com