Electronic Components Datasheet Search
  English  ▼

X  

MAX9718BEUB+ Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9718BEUB+
Description  Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9718BEUB+ Datasheet(HTML) 2 Page - Analog Devices

  MAX9718BEUB+ Datasheet HTML 1Page - Analog Devices MAX9718BEUB+ Datasheet HTML 2Page - Analog Devices MAX9718BEUB+ Datasheet HTML 3Page - Analog Devices MAX9718BEUB+ Datasheet HTML 4Page - Analog Devices MAX9718BEUB+ Datasheet HTML 5Page - Analog Devices MAX9718BEUB+ Datasheet HTML 6Page - Analog Devices MAX9718BEUB+ Datasheet HTML 7Page - Analog Devices MAX9718BEUB+ Datasheet HTML 8Page - Analog Devices MAX9718BEUB+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—5V Supply
(VCC = 5V, GND = 0, SHDN/SHDN = VCC (MAX9718/MAX9719), SHDM = GND (MAX9718), RIN = RF = 10kΩ (MAX971_A/H),
TA = +25°C. CBIAS = 0.1μF, no load. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND) ..................................-0.3V to +6V
Any Other Pin to GND ...............................-0.3V to (VCC + 0.3V)
IN_, BIAS, SHDM, SHDN,
SHDN Continuous Current ........20mA
OUT_ Short-Circuit Duration to GND or VCC .............Continuous
Continuous Power Dissipation (TA = +70°C)
9-Bump UCSP (derate 5.2mW/°C above +70°C) .......1067mW
10-Pin TDFN (derate 24.4mW/°C above +70°C) ........1951mW
10-Pin μMAX (derate 10.3mW/°C above +70°C) ..........825mW
16-Bump UCSP (derate 8.2mW/°C above +70°C) .....1633mW
16-Pin TQFN (derate 16.9mW/°C above +70°C) ........1349mW
16-Pin TSSOP (derate 21.3mW/°C above +70°C) ......1702mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.7
5.5
V
Supply Current
ICC
VIN- = VIN+ = VBIAS, TA = -40°C to +85°C,
per amplifier (Note 2)
5.0
7.5
mA
Shutdown Supply Current
ISHDN
SHDN = SHDM =
SHDN = GND, per amplifier
0.1
1
μA
VIH
0.7 x VCC
SHDN, SHDN, SHDM
Threshold
VIL
MAX9718A/B/C/D
0.3 x VCC
V
VIH
1.4
SHDN, SHDN, SHDM
Threshold
VIL
MAX9718E/F/G/H
0.4
V
AV = 0dB, MAX971_A/H,
MAX971_B/E
±1
±10
AV = 3dB, MAX971_C/F
±1
±15
Output Offset Voltage
VOS
VIN- = VIN+ = VBIAS
AV = 6dB, MAX971_D/G
±1
±20
mV
AV = 0dB, MAX971_B/E
0.5
VCC - 0.5
AV = 3dB, MAX971_C/F
0.5
VCC - 0.6
Inferred from
CMRR test
AV = 6dB, MAX971_D/G
0.5
VCC - 0.8
Common-Mode Input Voltage
VIC
External gain, MAX971_A/H
0.5
VCC - 1.2
V
Input Impedance
RIN
MAX971_B/E, MAX971_C/F, MAX971_D/G
10
15
20
k
Ω
-50
-60
Common-Mode Rejection Ratio
CMRR
fN = 1kHz
-60
dB
f = 217Hz
-93
Power-Supply Rejection Ratio
PSRR
VIN- = VIN+ = VBIAS,
VRIPPLE = 200mVP-P,
RL = 8
Ω, CBIAS = 1μF
f = 1kHz
-90
dB
RL = 8
Ω
0.8
1.1
Output Power
POUT
THD+N = 1%,
fIN = 1kHz (Note 4)
RL = 4
Ω
1.4
W
Total Harmonic Distortion Plus
Noise
THD+N
RL = 8
Ω, fIN = 1kHz, POUT = 0.75W,
VCC = 5V, AV = 6dB (Note 5)
0.002
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com