Electronic Components Datasheet Search
  English  ▼

X  

TS881ILT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS881ILT
Description  Rail-to-rail 0.9 V nanopower comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS881ILT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS881ILT Datasheet HTML 11Page - STMicroelectronics TS881ILT Datasheet HTML 12Page - STMicroelectronics TS881ILT Datasheet HTML 13Page - STMicroelectronics TS881ILT Datasheet HTML 14Page - STMicroelectronics TS881ILT Datasheet HTML 15Page - STMicroelectronics TS881ILT Datasheet HTML 16Page - STMicroelectronics TS881ILT Datasheet HTML 17Page - STMicroelectronics TS881ILT Datasheet HTML 18Page - STMicroelectronics TS881ILT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DocID023340 Rev 2
15/21
TS881
Electrical characteristics
21
Figure 32. Propagation delay vs. temperature
for signal overdrive 10 mV
Figure 33. Propagation delay vs. temperature
for signal overdrive 100 mV
Figure 34. Input offset voltage vs. input
common mode voltage at VCC = 0.9 V
Figure 35. Input voltage hysteresis vs. input
common mode voltage at VCC = 0.9 V
Figure 36. Output voltage drop vs. sink current
at VCC = 0.9 V
Figure 37. Output voltage drop vs. source
current at VCC = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com