Electronic Components Datasheet Search
  English  ▼

X  

114A Datasheet(PDF) 1 Page - Beehive Electronics LLC

Part # 114A
Description  114A Amplifier Type N Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEEHIVEELECTRONICS [Beehive Electronics LLC]
Direct Link  https://beehive-electronics.com/
Logo BEEHIVEELECTRONICS - Beehive Electronics LLC

114A Datasheet(HTML) 1 Page - Beehive Electronics LLC

  114A Datasheet HTML 1Page - Beehive Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
114A Amplifier-Type N Cable
The 114A cable is designed to connect the 150A EMC probe amplifier to spectrum analyzers or other
instruments with Type N connectors. This double-shielded cable has good RF performance from DC to
6 GHz. One end of the cable has a male SMA connector to connect to the amplifier, and the other end
is a male Type N connector. This allows it to connect to spectrum analyzers or other equipment with
female Type N connectors.


Similar Part No. - 114A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
More results

Similar Description - 114A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2467-Y TOSHIBA-2SK2467-Y Datasheet
92Kb / 1P
N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATIONS)
20-Feb-1998
2SK2855 TOSHIBA-2SK2855 Datasheet
107Kb / 2P
N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATION)
GT20D101 TOSHIBA-GT20D101 Datasheet
168Kb / 3P
N CHANNEL TYPE (HIGH POWER AMPLIFIER APPLICATION)
2SK1529 TOSHIBA-2SK1529_06 Datasheet
490Kb / 4P
N CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATIONS)
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
N-Type RF Coax Cable Assemblies
logo
Pomona Electronics
1658 POMONA-1658 Datasheet
37Kb / 1P
Cable Assembly Type N Male Both Ends
logo
List of Unclassifed Man...
CAB916 ETC2-CAB916 Datasheet
309Kb / 5P
Taoglas Cable Assembly N type Male Straight to N type Male Straight with 1M CFD-200 cable
CAB917 ETC2-CAB917 Datasheet
478Kb / 6P
Taoglas Cable Assembly N type Male Straight to N type Female Straight with 1M CFD-200 cable
logo
CRYSTEK CORPORATION
CS-NM-MHA CRYSTEKMICROWAVE-CS-NM-MHA Datasheet
75Kb / 2P
Type N Plug to LL-142 Cable
CS-NM-MSC CRYSTEKMICROWAVE-CS-NM-MSC Datasheet
78Kb / 2P
Type N Plug to HP190 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com