Electronic Components Datasheet Search
  English  ▼

X  

V510LA10CP Datasheet(PDF) 4 Page - Littelfuse

Part # V510LA10CP
Description  Radial Leaded Varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V510LA10CP Datasheet(HTML) 4 Page - Littelfuse

  V510LA10CP Datasheet HTML 1Page - Littelfuse V510LA10CP Datasheet HTML 2Page - Littelfuse V510LA10CP Datasheet HTML 3Page - Littelfuse V510LA10CP Datasheet HTML 4Page - Littelfuse V510LA10CP Datasheet HTML 5Page - Littelfuse V510LA10CP Datasheet HTML 6Page - Littelfuse V510LA10CP Datasheet HTML 7Page - Littelfuse V510LA10CP Datasheet HTML 8Page - Littelfuse V510LA10CP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Varistors Datasheet
© 2026 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/19/26
4
C-III Series
Radial Leaded Varistors
Should transients occur in rapid succession, the average power
dissipation is the energy (watt-seconds) per pulse times the
number of pulses per second. The power so developed must be
within the specifications shown on the Device Ratings and
Specifications Table for the specific device. The operating values
Figure 1. Current Energy and Power Dissipation Ratings
Figure 2. Peak Pulse Current Test Waveform
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O 1
T
T1
T2
TIME
O 1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T 1 = Virtual Front time = 1.25 •t
T 2 = Virtual Time to Half Value (Impulse Duration)
Example:
For an 8/20 µs Current Waveform:
8s = T 1 = Virtual Front Time
20 s = T 2 = Virtual Time to Half Value
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
µs Current Waveform:
8µs = T
1 = Rise Time
20µs = T
2 = Decay Time
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140 150
AMBIENT TEMPERA TURE ( oC)
FIGURE 1. CURRENT , ENERGY AND PO WER DERA TING
CUR VE
1A - Power Derating for Epoxy Coated
V320LA10C(P)
V300LA10C(P)
V275LA10C(P)
V250LA10C(P)
V175LA5C(P)
V150LA5C(P)
V140LA5C(P)
V130LA5C(P)
V230LA10C(P)
MODEL SIZE = 10mm
10,000
1,000
100
0.001
0.01
0.1
110100
1000
10000
Peak Amperes (A)
V460LA10C(P)
10000
1000
100
0.001
0.01
0.1
110100
1000
10000
PEAK CURRENT (A)
10000
1000
100
0.001
0.01
0.1
110100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 10MM
TA = -55oC TO 105oC
130 to 625VM(AC) RATING
MAXIMUM CLAMP
VOLTAGE
625
460 440
385
230
250
275
300
320
175
150
140
130
420
550
510
Figure 3. Maximum Clamping Voltage for 10mm Parts
V130LA5C(P) – V625LA10C(P)
10,000
1,000
100
10
1
10
100
1,000
10,000
SURGE IMPULSE DURATION (s)
15
1
2
102
103
104
MODEL SIZE = 14mm
TA = -55oC TO 105oC
10,000
1,000
100
10
1
10
100
1,000
10,000
SURGE IMPULSE DURATION (s)
1
2
103
104
MODEL SIZE = 20mm
TA = -55oC TO 105oC
15
102
104
105
106
∞
103
102
2
1
15
10
100
1,000
10,000
SURGE IMPULSE DURATION (s)
10,000
1,000
100
10
1
MODEL SIZE = 10mm
TA = -55oC TO 105oC
∞
∞
Figure 4. Repetitive Surge Capability for 10mm Parts
V130LA5C(P)-V320LA10C(P)
Transient V-I Characteristics Curves
Pulse Rating Curves
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110 120130 140150
AMBIENTTEMPERATURE ( oC)
of a MOV need to be derated at high temperatures as shown
above. Because varistors only dissipate a relatively small amount
of average power they are not suitable for repetitive applications
that involve substantial amounts of average power dissipation.
1B - Power Derating for Phenolic Coated



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com