Electronic Components Datasheet Search
  English  ▼

X  

TMC246/A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TMC246/A
Description  High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC246/A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TMC246/A Datasheet HTML 1Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 2Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 3Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 4Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 5Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 6Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 7Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 8Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TMC246 DATA SHEET (V2.01 / Sep. 14th, 2005)
3
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Pinning
Package codes
Type
Package
Temperature range
Lead free (ROHS)
Code/marking
TMC246A
PQFP44
automotive (1)
Yes
TMC246A-PA
TMC246
PQFP44
automotive (1)
From date code 30/04
TMC246-PA
(1) ICs are not tested according to automotive standards, but are usable within the complete
automotive temperature range.
1
9
4
33
25
30
TMC 246 / 236A
QFP44
BL2
OB1
OB1
OB2
OB2
BRB
VSB
ANN
OA1
OA2
OA2
OA1
BRA
VSA
2
3
5
6
7
8
10
11
24
23
27
26
29
28
32
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com